Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 22 of 96
details on configuring the device with autonegotiation enabled or
disabled.
If the ADIN1300 has autonegotiation enabled and the other side
of the link has autonegotiation disabled, the ADIN1300 detects this
and parallel detects, as per the IEEE standard, and attempts to
bring up a link at the speed the remote PHY is configured to.
MANAGEMENT INTERFACE
The MII management interface provides a two-wire serial interface
between a host processor or MAC and the ADIN1300, allowing
access to control and status information in the subsystem and PHY
core management registers.
The MII management interface consists of the following:
►
MDC, clock line
►
MDIO, bidirectional data line
►
PHYAD_0 pin to PHYAD_3 pin, which configures device ad-
dresses for each PHY
►
INT_N, management interrupt
The interface is compatible with both IEEE Standard 802.3 Clause
22 and Clause 45 management frame structures, as shown in Table
15 and Table 16, respectively, and defined as the following:
►
Preamble: establishes synchronization at beginning of frame.
►
Start of frame:
►
01 indicates start of Clause 22 frame.
►
00 indicates start of Clause 45 frame.
►
OP: the operation code indicates type of frame transaction.
►
PHYAD/PRTAD: PHY address. MSB first, only the PHY with
matching PHY address hardware configuration responds.
►
REG ADDR/DEVAD: register address, MSB first.
►
TA: used to avoid contention during a read transition, 2-bit time
spacing between register address field and data field.
►
DATA: 16-bit field, MSB first.
►
ADDRESS/DATA: 16-bit field, MSB first.
►
IDLE: high-Z state, the MDIO line is pulled high by the pull-up
resistor.
The PHY core registers at Address 0x00 to Address 0x01F can
be accessed using the interface specified under Clause 22. The
PHY core extended management interface (EMI) registers and
subsystem registers can be accessed at Address 0x1E using the
interface specified under Clause 45. However, for systems that do
not support this interface, the registers at Address 0x1E can be
accessed via Register 0x0010 and Register 0x0011 using Clause
22 access.
Interrupt (INT_N)
The ADIN1300 is capable of generating an interrupt to a host
processor or MAC using the INT_N pin in response to a variety of
user-selectable conditions (IRQ_MASK register, Address 0x0018).
The following conditions can be selected to generate an interrupt:
►
Speed change
►
Link status change
►
Receive status change
►
MAC interface FIFO overflow/underflow
►
Idle error counter saturated
►
Autonegotiation page received
►
Autonegotiation status change
►
MDIO synchronization lost
►
Cable diagnostic change
When an interrupt occurs, the system can poll the status of the
interrupt status register (IRQ_STATUS register, Address 0x0019) on
each device to determine the origin of the interrupt.
Table 15. Clause 22 Management Interface Frame Format
Operation
Preamble
Start of Frame
OP
PHYAD[4:0]
REG ADDR[4:0]
TA
DATA[15:0]
IDLE
Read
32 1s
01
10
AAAAA
RRRRR
Z0
d….d
Z
Write
32 1s
01
01
AAAAA
RRRRR
10
d….d
Z
Table 16. Clause 45 Management Interface Frame Format
Operation
Preamble
Start of Frame
OP
PRTAD[4:0]
DEVAD[4:0]
TA
ADDRESS/DATA[15:0]
IDLE
Address
32 1s
00
00
PPPPP
EEEEE
10
A…...A
Z
Write
32 1s
00
01
PPPPP
EEEEE
10
d….d
Z
Read
32 1s
00
11
PPPPP
EEEEE
Z0
d….d
Z
Post-read Increment Address
32 1s
00
10
PPPPP
EEEEE
Z0
d….d
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com