Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 80 of 96
Table 103. Bit Descriptions for B_1000_RTRN_EN (Continued)
Bits
Bit Name
Description
Reset
Access
Clause 40.4.6.1 of Standard 802.3 requires a PHY that is operating in 1000BASE-T mode to retrain if it detects
that its receiver status is not okay. Such a retrain prevents data from being transmitted or received for a long
period, but does not cause the LINK_STAT_LAT bit in the direct address map to latch low.
When B_1000_RTRN_EN is clear, 1000BASE-T retrain is disabled. In this case, when the receiver status
becomes not okay, it always results in the link dropping.
1: 1000BASE-T retrain is enabled.
0: 1000BASE-T retrain is disabled.
Base 10e Enable Register
Address: 0xB403, Reset: 0x0001, Name: B_10_E_EN
When set, this register enables 10BASE-Te operation. 10BASE-Te is a variant of 10BASE-T that transmits at a lower voltage level.
Table 104. Bit Descriptions for B_10_E_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
B_10_E_EN
10BASE-Te. When set, this bit enables 10BASE-Te operation, this is the default operation of the device. 10BASE-Te is a
variant of 10BASE-T that transmits at a lower voltage level.
0x1
R/W
10BASE-T Transmit Test Mode Register
Address: 0xB412, Reset: 0x0000, Name: B_10_TX_TST_MODE
This register provides the ability to transmit a 10BASE-T test signal.
Table 105. Bit Descriptions for B_10_TX_TST_MODE
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
[2:0]
B_10_TX_TST_MODE
The PHY provides the ability to transmit a 10BASE-T test signal consisting of either a 5 MHz or a 10 MHz
square wave.
0x0
R/W
111: reserved.
110: reserved.
101: reserved.
100: transmit 5 MHz square wave on Dimension 1.
011: transmit 5 MHz square wave on Dimension 0.
010: transmit 10 MHz square wave on Dimension 1.
001: transmit 10 MHz square wave on Dimension 0.
000: 10BASE-T test mode disabled.
100BASE-TX Transmit Test Mode Register
Address: 0xB413, Reset: 0x0000, Name: B_100_TX_TST_MODE
This register provides the ability to transmit a 100BASE-TX test signal.
Table 106. Bit Descriptions for B_100_TX_TST_MODE
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com