Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
Data Sheet
ADIN1300
ON-CHIP DIAGNOSTICS
analog.com
Rev. B | 35 of 96
LOOPBACK MODES
The PHY core provides several loopback modes: all digital loop-
back, MII loopback, external cable loopback, line driver loopback,
and remote loopback (see Figure 29). These loopback modes
test and verify various functional blocks within the PHY. The use
of frame generators and frame checkers allow completely self
contained in-circuit testing of the digital and analog data paths
within the PHY core.
All Digital Loopback
The default loopback mode is all digital loopback mode. This loops
the data within the PHY at the analog/digital boundary to check for
proper operation of the PHY, but does not require the external ana-
log components, connections, or analog supplies to be accurate.
In all digital loopback mode, it is possible to also transmit to the
MDI pins, which can be useful for transmit testing. By default, the
LB_ALL_DIG_SEL bit (PHY_CTRL_ STATUS_1 register, Address
0x0013) is set, which selects all digital loopback mode and the
LB_TX_SUP bit (Bit 6 within the PHY_CTRL_STATUS_1 register)
is also set, which suppresses the transmission of the signal to the
MDI pins. Setting the PHY_CTRL_STATUS_1 register to a value of
0x1001 selects digital loopback with transmission to the MDI pins.
The loopback bit (MII_CONTROL register, Address 0x0000, Bit 14)
also needs to be set to enable all digital loopback mode.
External Cable Loopback
External cable loopback verifies the whole analog and digital path,
including the external components and cable. This requires that
Pair 0 and Pair 1, and Pair 2 and Pair 3 are shorted together to
provide an analog loopback at the end of the cable. The signal
processing is adjusted so that the transmitted signal is not cancel-
led. Setting the LB_EXT_EN bit (PHY_CTRL_STATUS_1 register,
Address 0x0013) enables external cable loopback.
Line Driver Loopback
For line driver loopback, leave the MDI pins open-circuit, thereby
transmitting into an unterminated connector/cable. The PHY can
then operate by receiving the reflection from its own transmission.
This provides similar capabilities to the external cable loopback
without the need to create any wire shorts by unplugging the
cable. Setting the LB_LD_SEL bit (PHY_CTRL_STATUS_1 register,
Address 0x0013) selects line driver loopback. The loopback bit
(MII_CONTROL register, Address 0x0000, Bit 14) also needs to be
set to enable line driver loopback.
Remote Loopback
Remote loopback requires a link up with a remote PHY and to
loop the data received from the remote PHY back to the remote
PHY. This linking allows a remote PHY to verify a complete link
by ensuring that the PHY receives the proper data. Setting the
PHY_CTRL_STATUS_1 register to a value of 0x0241 selects re-
mote loopback where the data received by the PHY is also sent to
the MAC. Setting the LB_TX_SUP bit within the PHY_CTRL_STA-
TUS register, which sets the register value to 0x0341, selects
remote loopback, where the data received by the PHY is not sent
to the MAC. For this type of loopback, do not set the loopback bit
(MII_CONTROL register, Address 0x0000, Bit 14).
Figure 29. ADIN1300 Loopback Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com