Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 56 of 96
Table 42. Bit Descriptions for MSTR_SLV_CONTROL (Continued)
Bits
Bit Name
Description
Reset
Access
101: reserved.
100: Test Mode 4—transmitter distortion test.
011: Test Mode 3—transmit jitter test in slave mode.
010: Test Mode 2—transmit jitter test in master mode.
001: Test Mode 1—transmit waveform test.
000: normal operation.
12
MAN_MSTR_SLV_EN_ADV
Manual Master/Slave Enable Advertisement Bit.
0x0
R/W
1: enable master slave manual configuration value.
0: disable master slave manual configuration value.
11
MAN_MSTR_ADV
Master/Slave Advertisement Bit.
0x0
R/W
1: configure PHY as master during master slave negotiation only when
MAN_MSTR_SLV_EN_ADV is set to Logical 1.
0: configure PHY as slave during master slave negotiation only when MAN_MSTR_SLV_EN_ADV
is set to Logical 1.
10
PREF_MSTR_ADV
Prefer Master (or Port Type) Advertisement Bit. This bit is used to indicate the preference to oper-
ate as master (multiport device) or as slave (single port device) if the MAN_MSTR_SLV_EN_ADV
bit (Bit 9), is not set. Usage of this bit is described in Clause 40.5.2 of IEEE Standard 802.3. Note
that the default value of this register bit is configurable via the hardware configuration pins, which
allows the default operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: multiport device.
0: single port device.
9
FD_1000_ADV
1000BASE-T Full Duplex Advertisement Bit. Note that the default value of this register bit is
configurable via the hardware configuration pins, which allows the default operation of the PHY to
be configured in unmanaged applications.
0x1
R/W
1: advertise PHY is 1000BASE-T full duplex capable.
0: advertise PHY is not 1000BASE-T full duplex capable.
8
HD_1000_ADV
1000BASE-T Half Duplex Advertisement Bit. Note that the default value of this register bit is
configurable via the hardware configuration pins, which allows the default operation of the PHY to
be configured in unmanaged applications.
0x0
R/W
1: advertise PHY is 1000BASE-T half duplex capable.
0: advertise PHY is not 1000BASE-T half duplex capable.
[7:0]
RESERVED
Reserved.
0x0
R
Master Slave Status Register
Address: 0x000A, Reset: 0x0000, Name: MSTR_SLV_STATUS
This address corresponds to the master slave status register specified in Clause 40.5.1.1 of IEEE Standard 802.3.
Table 43. Bit Descriptions for MSTR_SLV_STATUS
Bits
Bit Name
Description
Reset
Access
15
MSTR_SLV_FLT
Master/Slave Configuration Fault Bit. When this bit goes high, it latches high until it is unlatched by reading.
This bit self clears on autonegotiation enable or autonegotiation complete. See Clause 40.5.1.1 of IEEE
Standard 802.3 for more details.
0x0
R LH SC
1: master slave configuration fault detected.
0: no master slave configuration fault detected.
14
MSTR_RSLVD
Master/Slave Configuration Resolution Bit.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com