Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 78 of 96
Table 97. Bit Descriptions for FIFO_SYNC (Continued)
Bits
Bit Name
Description
Reset
Access
0
FIFO_SYNC
FIFO_SYNC. When set, the transmit FIFO is configured for synchronous operation (except in 1000BASE-T slave mode)
to minimize latency.
0x0
R/W
Start of Packet Control Register
Address: 0x9428, Reset: 0x0034, Name: SOP_CTRL
This register controls the start of packet (SOP) detection for IEEE 1588 time stamp controls.
Table 98. Bit Descriptions for SOP_CTRL
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
[6:4]
SOP_N_8_CYCM_1
When the SOP_NCYC_EN bit is set, the SOP_N_8_CYCM_1 bit field specifies the number of cycles of the
MII RX_CLK clock that the transmit and receive SOP indications remain asserted. Add 1 to the value specified
and then multiply by 8 to get the number of cycles. Note that the SOP indications are always deasserted at the
end of the frame.
0x3
R/W
3
SOP_NCYC_EN
When this bit is set, the duration of the transmit and receive SOP indications are defined by the
SOP_N_8_CYCM_1 bit field. Otherwise, the SOP indications are set for the duration of the frame.
0x0
R/W
2
SOP_SFD_EN
When this bit is set, SFD detection is enabled, so that the SOP signals are asserted when the SFD in the
frame is detected. If this register bit is cleared, the SOP signals are asserted on the first byte or nibble of the
frame. Note that if this signal is changed while packets are being transmitted or received, the SOP signals
may be wrongly asserted. Therefore, only change the signal while the link is down or when SOP_TX_EN and
SOP_RX_EN are cleared.
0x1
R/W
1
SOP_RX_EN
When set, this bit enables the generation of SOP detection for received frames.
0x0
R/W
0
SOP_TX_EN
When set, this bit enables the generation of SOP detection for transmitted frames. To minimize the SOP
indication variation, the detection is done after the transmit FIFO for modes in which the transmit FIFO is used.
0x0
R/W
Start of Packet Receive Detection Delay Register
Address: 0x9429, Reset: 0x0000, Name: SOP_RX_DEL
This register controls the receive side SOP detection delay.
Table 99. Bit Descriptions for SOP_RX_DEL
Bits
Bit Name
Description
Reset
Access
[15:11]
SOP_RX_10_DEL_NCYC
This bit field specifies the number of cycles of the MII RX_CLK clock to delay the received frames
SOP indication for 10BASE-T links.
0x0
R/W
[10:6]
SOP_RX_100_DEL_NCYC
This bit field specifies the number of cycles of the MII RX_CLK clock to delay the received frames
SOP indication for 100BASE-TX links.
0x0
R/W
[5:0]
SOP_RX_1000_DEL_NCYC
This register field specifies the number of cycles of the receive clock (for example, 8 ns cycles) to
delay the received frames SOP indication for 1000BASE-T links. It is mainly intended to support
MAC interfaces with long latency in Gigabit mode so that the received frame SOP indication is not
asserted before the MAC receives the frame.
0x0
R/W
Start of Packet Transmit Detection Delay Register
Address: 0x942A, Reset: 0x0000, Name: SOP_TX_DEL
This register controls the transmit side SOP detection delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com