Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
Data Sheet
ADIN1300
SPECIFICATIONS
analog.com
Rev. B | 10 of 96
MII Transmit and Receive Timing
Table 5. MII 100BASE-TX Transmit Timing
Parameter
Description
Min
Typ
Max
Unit
t1
TX_CLK period
40
ns
t2
TX_CLK high time
14
20
26
ns
t3
TX_CLK low time
14
20
26
ns
t4
TX_CLK rise/fall time
5
ns
t5
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) setup time to TX_CLK
10
ns
t6
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) hold time to TX_CLK
0
ns
Figure 5. MII Transmit Timing
Table 6. MII 100BASE-TX Receive Timing
Parameter
Description
Min
Typ
Max
Unit
t1
RX_CLK period
40
ns
t2
RX_CLK high time
16
20
24
ns
t3
RX_CLK low time
16
20
24
ns
t4
RX_CLK rise/fall time
1
ns
t5
MII output signal (RXD_0 to RXD_3, RX_DV, RX_ER) setup time to RX_CLK
10
ns
t6
MII output signal (RXD_0 to RXD_3, RX_DV, RX_ER) hold time to RX_CLK
10
ns
Figure 6. MII Receive Timing
Table 7. MII 10BASE-Te Transmit Timing (See Figure 5)
Parameter
Description
Min
Typ
Max
Unit
t1
TX_CLK period
400
ns
t2
TX_CLK high time
140
200
260
ns
t3
TX_CLK low time
140
200
260
ns
t4
TX_CLK rise/fall time
1
ns
t5
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) setup time to TX_CLK
10
ns
t6
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) hold time to TX_CLK
0
ns
Table 8. MII 10BASE-Te Receive Timing (See Figure 6)
Parameter
Description
Min
Typ
Max
Unit
t1
RX_CLK period
400
ns
t2
RX_CLK high time
140
200
260
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com