Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 57 of 96
Table 43. Bit Descriptions for MSTR_SLV_STATUS (Continued)
Bits
Bit Name
Description
Reset
Access
1: local PHY configuration resolved to master.
0: local PHY configuration resolved to slave.
13
LOC_RCVR_STATUS
Local Receiver Status Bit. Defined by the value of LOC_RCVR_STATUS, as described in Clause 40.4.5.1 of
IEEE Standard 802.3.
0x0
R
1: local receiver okay (LOC_RCVR_STATUS = okay).
0: local receiver not okay (LOC_RCVR_STATUS = not okay).
12
REM_RCVR_STATUS
Remote Receiver Status Bit. Defined by the value of REM_RCVR_STATUS as, described in Clause 40.4.5.1
of IEEE Standard 802.3.
0x0
R
1: remote receiver okay (REM_RCVR_STATUS = okay).
0: remote receiver not okay (REM_RCVR_STATUS = not okay).
11
LP_FD_1000_ABLE
Link Partner 1000BASE-T Full Duplex Ability Bit. This bit is guaranteed to be valid only when the
PAGE_RX_LAT bit (Register 0x0006, Bit 1) has been set to 1.
0x0
R
1: link partner is capable of 1000BASE-T full duplex.
0: link partner is not capable of 1000BASE-T full duplex.
10
LP_HD_1000_ABLE
Link Partner 1000BASE-T Half Duplex Ability Bit. This bit is guaranteed to be valid only when the
PAGE_RX_LAT bit (6.1) has been set to 1.
0x0
R
1: link partner is capable of 1000BASE-T half duplex.
0: link partner is not capable of 1000BASE-T half duplex.
[9:8]
RESERVED
Reserved.
0x0
R
[7:0]
IDLE_ERR_CNT
These idle error count bits contain a cumulative count of the errors detected when the receiver is receiving
idles. See Clause 40.5.1.1 of IEEE Standard 802.3 for more details.
0x0
R SC
Extended Status Register
Address: 0x000F, Reset: 0x3000, Name: EXT_STATUS
This address corresponds to the extended status register specified in Clause 22.2.4.4 of IEEE Standard 802.3.
Table 44. Bit Descriptions for EXT_STATUS
Bits
Bit Name
Description
Reset
Access
15
FD_1000_X_SPRT
This bit is always zero because the PHY does not support full duplex 1000BASE-X.
0x0
R
14
HD_1000_X_SPRT
This bit is always zero because the PHY does not support half duplex 1000BASE-X.
0x0
R
13
FD_1000_SPRT
This bit is always one because the PHY supports full duplex 1000BASE-T.
0x1
R
12
HD_1000_SPRT
This bit is always one because the PHY supports half duplex 1000BASE-T.
0x1
R
[11:0]
RESERVED
Reserved.
0x0
R
Extended Register Pointer Register
Address: 0x0010, Reset: 0x0000, Name: EXT_REG_PTR
The extended register pointer and extended register data registers provide a mechanism to access the indirect access address map via directly
accessible registers for cases where the station management does not support Clause 45.
Table 45. Bit Descriptions for EXT_REG_PTR
Bits
Bit Name
Description
Reset
Access
[15:0]
EXT_REG_PTR
The extended register pointer and extended register data registers provide an indirect mechanism to access EMI
registers using normal Clause 22 access for cases where the station management does not support Clause 45.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com