Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 81 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 81 of 96
Table 106. Bit Descriptions for B_100_TX_TST_MODE (Continued)
Bits
Bit Name
Description
Reset
Access
[2:0]
B_100_TX_TST_MODE
The PHY provides the ability to transmit a 100BASE-TX test signal that cycles continuously through the
valid MLT3 signal levels: zero, positive, zero, and negative. Each transmit level can be held for either 16
ns (short dwell time) or 112 ns (long dwell time). The MLT3 transmit test waveform with a 16 ns dwell time
measures duty cycle distortion, as specified in Clause 9.1.8 of ANSI Standard X3.263. The MLT3 transmit
test waveform with a 112 ns dwell time measures waveform overshoot, amplitude symmetry, and rise/fall
times, as specified in Clauses 9.1.3, 9.1.4, and 9.1.6 of ANSI Standard X3.263.
0x0
R/W
111: reserved.
110: reserved.
101: reserved.
100: transmit MLT3 test waveform, 112 ns dwell time on Dimension 1.
011: transmit MLT3 test waveform, 112 ns dwell time on Dimension 0.
010: transmit MLT3 test waveform, 16 ns dwell time on Dimension 1.
001: transmit MLT3 test waveform, 16 ns dwell time on Dimension 0.
000: 100BASE-TX test mode disabled.
Low Power Termination Register
Address: 0xB685, Reset: 0x0001, Name: B_100_ZPTM_EN_DIMRX
This register provides the ability to configure for the lowest common-mode impedance on the receive pair for 100BASE-TX.
Table 107. Bit Descriptions for B_100_ZPTM_EN_DIMRX
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
B_100_ZPTM_EN_DIMRX
Applies to 100BASE-TX.
Set to 1 to configure for normal termination on the receive dimension, lowest power (default).
Set to 0 to configure for lowest common mode impedance.
0x1
R/W
Run Automated Cable Diagnostics Register
Address: 0xBA1B, Reset: 0x0000, Name: CDIAG_RUN
This register is used to start the automated running of cable diagnostics and to return results in the cable diagnostic results registers.
Table 108. Bit Descriptions for CDIAG_RUN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CDIAG_RUN
When set, this bit starts an automatic cable diagnostics run. Run this bit with the PHY in standby. Clear the LINK_EN
bit (PHY_CTRL_3 register, Address 0x0017, Bit 13). This bit self clears when the cable diagnostics are completed.
0x0
R/W
Cable Diagnostics Cross Pair Fault Checking Disable Register
Address: 0xBA1C, Reset: 0x0000, Name: CDIAG_XPAIR_DIS
This register allows the checking of cross pair faults in the cable diagnostics to be disabled.
Table 109. Bit Descriptions for CDIAG_XPAIR_DIS
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com