Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 66 of 96
Table 58. Bit Descriptions for LED_CTRL_2 (Continued)
Bits
Bit Name
Description
Reset
Access
00011: on if 1000BASE-T link, blink if 100BASE-TX.
00010: on if 10BASE-T link.
00001: on if 100BASE-TX link.
00000: on if 1000BASE-T link.
LED Control 3 Register
Address: 0x001D, Reset: 0x1855, Name: LED_CTRL_3
This register provides access to various PHY LED control register bits.
Table 59. Bit Descriptions for LED_CTRL_3
Bits
Bit Name
Description
Reset
Access
[15:14]
LED_PAT_SEL
The LED_PAT_SEL bit field is always 2'b00, allowing the user to program the LED_0 blink pattern via the
LED_PAT, LED_PAT_TICK_DUR, and LED_PAT_PAUSE_DUR bit fields.
0x0
R/W
11: reserved.
10: reserved.
01: reserved.
00: read/write access to LED_0 blink pattern registers.
[13:8]
LED_PAT_TICK_DUR
Each bit in the blink pattern bit field (LED_PAT) is driven to the corresponding LED pin and held for the
duration specified in this 6-bit LED pattern duration bit field. The duration is the value of this register plus
1 multiplied by 8, for example, 8 ms, 16 ms, … 504 ms. The value 63 has a special meaning of 1 ms
tick duration. Also see the LED_PAT_PAUSE_DUR bit field (LED_CTRL_1 register, Address 0x001B). The
default blink is a 0.5 sec on and 0.5 sec off pattern.
0x18
R/W
[7:0]
LED_PAT
The internal LED pattern for LED_0 can be read or written via this field. The LED_PAT_SEL field selects
which set of internal blink pattern registers for LED_0 is accessed. The default value of the LED pattern
is 0x55 and is, therefore, an alternating 0/1 pattern (LED_CTRL_1 register, Address 0x001B). The default
blink is a 0.5 sec on and 0.5 sec off pattern.
0x55
R/W
PHY Status 2 Register
Address: 0x001F, Reset: 0x03FC, Name: PHY_STATUS_2
This register provides access to various PHY status register bits.
Table 60. Bit Descriptions for PHY_STATUS_2
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
PAIR_23_SWAP
A 1 indicates that Pair 2 and Pair 3 have been swapped.
0x0
R
13
PAIR_3_POL_INV
A 1 indicates that the polarity on Pair 3 has been inverted.
0x0
R
12
PAIR_2_POL_INV
A 1 indicates that the polarity on Pair 2 has been inverted.
0x0
R
11
PAIR_1_POL_INV
A 1 indicates that the polarity on Pair 1 has been inverted.
0x0
R
10
PAIR_0_POL_INV
A 1 indicates that the polarity on Pair 0 has been inverted.
0x0
R
[9:1]
RESERVED
Reserved.
0x1FE
R
0
B_1000_DSCR_ACQ_ERR
A 1 indicates an error has occurred during the acquisition of the scrambler during 1000BASE-T start-up.
This error can occur because the pair skew is too large. Once this bit goes high it latches high until it is
cleared by a subsequent successful 1000BASE-T descrambler acquisition.
0x0
R LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com