Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
Data Sheet
ADIN1300
ON-CHIP DIAGNOSTICS
analog.com
Rev. B | 38 of 96
Having enhanced link detection enabled is not suitable for all
applications because it causes the PHY to react quickly to high
levels of disturbance on the MDI lines. This configuration needs to
be considered when performing conformance testing and EMC test-
ing where the media-dependent interface can be exposed to fast
transients. These transients may trigger enhanced link detection to
bring the link down during such tests. In this case, it is preferred to
configure all bits in the FLD_EN register to 0.
START OF PACKET INDICATION
The ADIN1300 includes the detection and indication of the start of
packets (SOP) on the transmit and receive side to support IEEE
1588 time stamp controls and give the MAC more accurate timing
information.
The transmit and receive SOP indication can be made available
at any of the following pins under software configuration: GP_CLK,
LINK_ST, INT_N, and LED_0 using the following override control
registers:
►
GE_IO_GP_CLK_OR_CNTRL bits, Address 0xFF3C
►
GE_IO_GP_OUT_OR_CNTRL bits, Address 0xFF3D
►
GE_IO_INT_N_OR_CNTRL bits, Address 0xFF3E
►
GE_IO_LED_A_OR_CNTRL bits, Address 0xFF40
The detection of the transmit SOP is done after internal PHY FIFO
so there is a fixed delay between the SOP indication at the pin to
the actual SOP at the MDI pins.
Start of packet indication is enabled via the SOP transmit and
receive enables, (set the SOP_TX_EN bit, and the SOP_RX_EN
bit, Address 0x9428).
The SOP is asserted by default on the first byte or nibble of
the frame. The SOP can be configured to be asserted when the
start frame delimitator (SFD) is detected in the frame. This is
configured by setting the SOP SFD enable bit (SOP_SFD_EN,
Address 0x9428).
The SOP indication, by default, is asserted for the duration of the
frame. The SOP can be configured to be asserted for a program-
mable number of cycles. This is configured by setting the SOP
N-cycle enable bit (SOP_NCYC_EN, Address 0x9428), and the
number of cycles in this case is configured via the SOP N by
8 minus 1 cycles register (SOP_N_8_CYC_M_1_D_EN register,
Address 0x9428, Bits[6:4]).
The ADIN1300 start of packet detection and indication circuit in-
cludes the ability to delay each of the SOP transmit and receive in-
dications by a programmable number of clock cycles. The purpose
of this on the receive side is to support MAC interfaces with long
latency so that the received frame SOP indication is not asserted
before the MAC receives the frame. The purpose of this on the
transmit side is to align the transmit SOP indication assertion close
to the reference point set on the MDI pins (so that the time stamp-
ing point does not have to be adjusted at the MAC/switch side).
There are programmable registers for the delays for 1000BASE-T
mode, 100BASE-TX mode, and 10BASE-T mode for transmit and
receive. These are programmed via the SOP_RX_DEL register
and SOP_TX_DEL register, Address 0x9429 and Address 0x942A,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com