Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 89 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 89 of 96
Table 127. Bit Descriptions for GE_RGMII_CFG (Continued)
Bits
Bit Name
Description
Reset
Access
010: 7 × tU + 400 ps.
001: 6 × tU + 400 ps.
000: 8 × tU + 400 ps.
2
GE_RGMII_RX_ID_EN
Enable/disable receive clock internal 2 ns delay in RGMII mode. Note that the default value
of this bit is configurable via hardware configuration pins. This allows the default operation
of the PHY to be configured in unmanaged applications.
0x1
R/W
1: enable receive clock internal 2 ns delay in RGMII mode.
0: disable receive clock internal 2 ns delay in RGMII mode.
1
GE_RGMII_TX_ID_EN
Enable/disable transmit clock internal 2 ns delay in RGMII mode. Note that the default value
of this bit is configurable via hardware configuration pins. This allows the default operation
of the PHY to be configured in unmanaged applications.
0x1
R/W
1: enable transmit clock internal 2 ns delay in RGMII mode.
0: disable transmit clock internal 2 ns delay in RGMII mode.
0
GE_RGMII_EN
This bit selects the RGMII MAC interface mode. Note that the default value of this bit is
configurable via hardware configuration pins. This allows the default operation of the PHY
to be configured in unmanaged applications.
0x1
R/W
Subsystem RMII Configuration Register
Address: 0xFF24, Reset: 0x0116, Name: GE_RMII_CFG
This register allows the MAC interface RMII configuration to be controlled.
Table 128. Bit Descriptions for GE_RMII_CFG
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x1
R
7
GE_RMII_FIFO_RST
This bit allows the RMII FIFO to be reset.
0x0
R/W
[6:4]
GE_RMII_FIFO_DPTH
This field allows the RMII receive FIFO depth to be selected.
0x1
R/W
111: reserved.
110: reserved.
101: ± 24 bits.
100: ± 20 bits.
011: ± 16 bits.
010: ± 12 bits.
001: ± 8 bits.
000: ± 4 bits.
3
GE_RMII_TXD_CHK_EN
This bit determines whether or not the TXD_0 pin and TXD_1 pin are monitored to detect the
start of a frame. This bit allows connecting the RMII receive CRS_DV to the RMII TX_EN signal.
This allows a receive to transmit RMII pin loopback for media converter applications. This is
something that it is not supported in the RMII specification.
0x0
R/W
2
GE_RMII_CRS_EN
This bit determines whether or not CRS is encoded in the CRS_DV output signal. This allows a
receive to transmit RMII pin loopback for media converter applications. This is something that it
is not supported in the RMII specification.
0x1
R/W
1
GE_RMII_BAD_SSD_RX_ER_EN
This bit determines whether or not the RX_ER output signal is asserted when a false carrier
(bad SSD) is detected. When cleared, RX_ER is only asserted in case of a symbol error during
a frame.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com