Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
Data Sheet
ADIN1300
APPLICATIONS INFORMATION
analog.com
Rev. B | 42 of 96
Figure 32. Simplified Typical Application Block Diagram Using an RJ45 with Integrated Magnetics
LOW POWER TERMINATION IN 100BASE-TX
In 100BASE-TX, the PHY transmits on one pair and receives
on the other, and the default setting for 100BASE-TX operation
is for normal termination on the receive dimension, which con-
sumes the lowest power. The PHY can be configured for lowest
common-mode impedance on the receive pair by clearing the
B_100_ZPTM_EN_DIMRX bit. There is a trade-off of 12 mW in-
creased power consumption with lowest common-mode impedance
setting. In all cases, the differential impedance is 100 Ω. Use the
lowest common-mode impedance setting for capacitive coupled
applications and other applications where there may be a path for
high common-mode noise to reach the PHY.
REPEATER OR BACK TO BACK MODE
Some applications need to extend cable reach beyond the standard
Ethernet cable lengths. One approach to achieving this is to use
two PHYs configured in repeater or back to back mode. RGMII is
the preferred method to achieve this because there is no overhead
in terms of configuration.
RGMII Back to Back
The ADIN1300 RGMII interface supports back to back configuration
without any modification required. Connect the receive outputs from
one PHY across to the transmit inputs of the other PHY to achieve
this. Configure the RGMII interface with internal delay on just one
side, typically the receive side only for each PHY. The internal delay
can be configured using hardware strapping, or alternatively by
writing over the MDIO interface to Register GE_RGMII_CFG, Bit
GE_RGMII_TX_ID_EN = 0 and Bit GE_RGMII_RX_ID_EN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com