Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 71 of 96
Table 71. Bit Descriptions for RX_MII_CLK_STOP_EN (Continued)
Bits
Bit Name
Description
Reset
Access
10
RX_MII_CLK_STOP_EN
If this bit is set, the PHY may stop the receive MII clock while it is signaling low power enable (LPI).
Otherwise, it keeps the clock active.
0x1
R/W
1: the PHY may stop the clock during LPI.
0: clock not stoppable.
[9:0]
RESERVED
Reserved.
0x0
R
PCS Status 1 Register
Address: 0x9401, Reset: 0x0040, Name: PCS_STATUS_1
The bits contained in this register correspond to the bits in the PCS Status 1 register specified in Clause 45.2.3.2 of IEEE Standard 802.3,
which, in the IEEE standard, is at MMD Register Address 3.1, Bits[11:8] and Bit 6.
Table 72. Bit Descriptions for PCS_STATUS_1
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
11
TX_LPI_RCVD
The transmit LPI received bit is a latched version of TX_LPI. When this bit goes high, it latches high
until it is unlatched by reading.
0x0
R
1: transmit PCS has received LPI.
0: LPI not received.
10
RX_LPI_RCVD
The receive LPI received bit is a latched version of RX_LPI. When this bit goes high, it latches high
until it is unlatched by reading.
0x0
R
1: receive PCS has received LPI.
0: LPI not received.
9
TX_LPI
Transmit LPI Bit.
0x0
R
1: transmit PCS is currently receiving LPI.
0: PCS is not currently receiving LPI.
8
RX_LPI
Receive LPI Bit.
0x0
R
1: receive PCS is currently receiving LPI.
0: PCS is not currently receiving LPI.
7
RESERVED
Reserved.
0x0
R
6
TX_MII_CLK_STOP_CPBL
The transmit MII clock stop capable bit always reads as 1'b1.
0x1
R
1: the MAC may stop the clock during LPI.
0: clock not stoppable.
[5:0]
RESERVED
Reserved.
0x0
R
Frame Checker Enable Register
Address: 0x9403, Reset: 0x0001, Name: FC_EN
This register is used to enable the frame checker. The frame checker analyzes the received frames from either the MAC interface or the PHY
(see the FC_TX_SEL register, Address 0x9407, Bit 0) to report the number of frames received, CRC errors, and various other frame errors. The
frame checker frame and error counter registers count these events.
Table 73. Bit Descriptions for FC_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com