Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 49 of 96
Table 32. MDIOMAP_GEPHY Register Summary (Continued)
Address
Name
Description
Reset
Access
0x941C
FG_NFRM_H
Frame Generator Number of Frames High Register.
0x0000
R/W
0x941D
FG_NFRM_L
Frame Generator Number of Frames Low Register.
0x0100
R/W
0x941E
FG_DONE
Frame Generator Done Register.
0x0000
R
0x9427
FIFO_SYNC
FIFO Sync Register.
0x0000
R/W
0x9428
SOP_CTRL
Start of Packet Control Register.
0x0034
R/W
0x9429
SOP_RX_DEL
Start of Packet Receive Detection Delay Register.
0x0000
R/W
0x942A
SOP_TX_DEL
Start of Packet Transmit Detection Delay Register.
0x0000
R/W
0x9602
DPTH_MII_BYTE
Control of FIFO Depth for MII Modes Register.
0x0001
R/W
0xA000
LPI_WAKE_ERR_CNT
LPI Wake Error Count Register.
0x0000
R
0xA001
B_1000_RTRN_EN
Base 1000 Retrain Enable Register.
0x0000
R/W
0xB403
B_10E_En
Base 10e Enable Register.
0x0001
R/W
0xB412
B_10_TX_TST_MODE
10BASE-T Transmit Test Mode Register.
0x0000
R/W
0xB413
B_100_TX_TST_MODE
100BASE-TX Transmit Test Mode Register.
0x0000
R/W
0xB685
B_100_ZPTM_EN_DIMRX
Low power termination for receive dimension 100BASE-TX Register.
0x0001
R/W
0xBA1B
CDIAG_RUN
Run Automated Cable Diagnostics Register.
0x0000
R/W
0xBA1C
CDIAG_XPAIR_DIS
Cable Diagnostics Cross Pair Fault Checking Disable Register.
0x0000
R/W
0xBA1D
CDIAG_DTLD_RSLTS_0
Cable Diagnostics Results 0 Register.
0x0000
R
0xBA1E
CDIAG_DTLD_RSLTS_1
Cable Diagnostics Results 1 Register.
0x0000
R
0xBA1F
CDIAG_DTLD_RSLTS_2
Cable Diagnostics Results 2 Register.
0x0000
R
0xBA20
CDIAG_DTLD_RSLTS_3
Cable Diagnostics Results 3 Register.
0x0000
R
0xBA21
CDIAG_FLT_DIST_0
Cable Diagnostics Fault Distance Pair 0 Register.
0x00FF
R
0xBA22
CDIAG_FLT_DIST_1
Cable Diagnostics Fault Distance Pair 1 Register.
0x00FF
R
0xBA23
CDIAG_FLT_DIST_2
Cable Diagnostics Fault Distance Pair 2 Register.
0x00FF
R
0xBA24
CDIAG_FLT_DIST_3
Cable Diagnostics Fault Distance Pair 3 Register.
0x00FF
R
0xBA25
CDIAG_CBL_LEN_EST
Cable Diagnostics Cable Length Estimate Register.
0x00FF
R
0xBC00
LED_PUL_STR_DUR
LED Pulse Stretching Duration Register.
0x0011
R/W
0xBC01
LED_A_INV_EN
LED Active Low Status Register.
0x0000
R/W
PHY CORE REGISTER DETAILS
MII Control Register
Address: 0x0000, Reset: 0x1040, Name: MII_CONTROL
This address corresponds to the MII control register specified in Clause 22.2.4.1 of Standard 802.3. Note that the default reset value of this
register is dependent on the hardware configuration pins settings.
Table 33. Bit Descriptions for MII_CONTROL
Bits
Bit Name
Description
Reset
Access
15
SFT_RST
Software Reset Bit. Note that this bit is self clearing. When the reset operation is complete, this bit returns to 1'b0.
0x0
R/W
1: PHY reset.
0: normal operation.
14
LOOPBACK
Enable/Disable Loopback Mode.
0x0
R/W
1: enable loopback mode.
0: disable loopback mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com