Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 85 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 85 of 96
This register provides the distance to the first fault on Pair 3.
Table 117. Bit Descriptions for CDIAG_FLT_DIST_3
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CDIAG_FLT_DIST_3
This bit field provides the distance to the first fault on Pair 3 in meters. A value of 0xFF indicates an unknown
result.
0xFF
R
Cable Diagnostics Cable Length Estimate Register
Address: 0xBA25, Reset: 0x00FF, Name: CDIAG_CBL_LEN_EST
This register provides an estimate of the cable length in meters based on the signal processing and is estimated during link establishment for
100BASE-TX and 1000BASE-T.
Table 118. Bit Descriptions for CDIAG_CBL_LEN_EST
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CDIAG_CBL_LEN_EST
This bit field provides a cable length estimate in meters. A value of 0xFF indicates an unknown result.
0xFF
R
LED Pulse Stretching Duration Register
Address: 0xBC00, Reset: 0x0011, Name: LED_PUL_STR_DUR
When the LED_PUL_STR_DUR_SEL bit field in the LED_CTRL_1 register (Address 0x001B, Bits[3:2]) is set to 2'b11, the
LED_PUL_STR_DUR register determines the LED pulse stretching duration.
Table 119. Bit Descriptions for LED_PUL_STR_DUR
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
[5:0]
LED_PUL_STR_DUR
When the LED_PUL_STR_DUR_SEL bit field in the LED_CTRL_1 register (Address 0x001B, Bits[3:2]) is set
to 2'b11, the LED_PUL_STR_DUR bit field determines the LED pulse stretching duration. Multiply the value
specified by 8 to determine the duration in milliseconds.
0x11
R/W
LED Active Low Status Register
Address: 0xBC01, Reset: 0x0000, Name: LED_A_INV_EN
When this register is set, it specifies that the LED_0 output signal is active low. Note that the PHY is capable of automatically sensing whether
the LED_0 is active high or low. Note that the default value of this register bit is configurable via the hardware configuration pins. The hardware
configuration pin allows the default operation of the PHY to be configured in unmanaged applications. The default state depends on the
hardware strapping configuration on LED_0. For Mode 1 and Mode 2, this register returns to 0, whereas for Mode 3 and Mode 4, this register
defaults to 1.
Table 120. Bit Descriptions for LED_A_INV_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
LED_A_INV_EN
When this bit is set, it specifies that the LED signal is active low. Note that the default value of this register bit is
configurable via the hardware configuration pins.
0x0
R/W
SUBSYSTEM REGISTER SUMMARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com