Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 88 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 88 of 96
Table 126. Bit Descriptions for GE_CLK_CFG (Continued)
Bits
Bit Name
Description
Reset
Access
3
GE_REF_CLK_EN
When this bit is set, the 25 MHz reference clock from the crystal oscillator is driven at the CLK25_REF
pin. Note that when an external 50 MHz clock is driven at XTAL_I (for RMII), it is divided by 2, and the
divided 25 MHz reference clock is driven at the CLK25_REF pin.
0x1
R/W
2
GE_CLK_HRT_RCVR_EN
The PHY provides a digital recovered heartbeat clock. This clock is sourced from either the 25 MHz
reference clock or the 125 MHz recovered clock depending on the mode that the PHY is in and on
the settings of certain registers. Setting GE_CLK_HRT_RCVR_EN causes the subsystem to request the
chip to drive the digital recovered heartbeat clock at the GP_CLK pin.
0x0
R/W
1
GE_CLK_HRT_FREE_EN
The PHY provides a digital free running heartbeat clock. This clock is sourced either from the 25 MHz
reference clock or the 125 MHz free running clock depending on the mode that the PHY is in and on the
settings of certain registers. Setting GE_CLK_HRT_FREE_EN causes the subsystem to request the chip
to drive the digital free running heartbeat clock at the GP_CLK pin.
0x0
R/W
0
GE_CLK_25_EN
When this bit is set, the 25 MHz reference clock from the crystal oscillator is driven at the GP_CLK pin
(having been processed through the digital block, and is not as clean as the equivalent clock available at
the CLK25_REF pin).
0x0
R/W
Subsystem RGMII Configuration Register
Address: 0xFF23, Reset: 0x0E07, Name: GE_RGMII_CFG
This register allows the MAC interface RGMII configuration to be controlled.
Table 127. Bit Descriptions for GE_RGMII_CFG
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x1
R
10
GE_RGMII_100_LOW_LTNCY_EN
Enable/Disable Low RGMII Latency for 100BASE-TX.
0x1
R/W
1: enable low RGMII latency for 100BASE-TX.
0: disable low RGMII latency for 100BASE-TX.
9
GE_RGMII_10_LOW_LTNCY_EN
Enable/Disable Low RGMII Latency for 10BASE-T.
0x1
R/W
1: enable low RGMII latency for 10BASE-T.
0: disable low RGMII latency for 10BASE-T.
[8:6]
GE_RGMII_RX_SEL
This field allows the RGMII receive clock delay to be specified in terms of the delay locked
loop (DLL) unit delay (tU = 200 ps).
0x0
R/W
111: 10 × tU + 400 ps.
110: 9 × tU + 400 ps.
101: reserved.
100: reserved.
011: reserved.
010: 7 × tU + 400 ps.
001: 6 × tU + 400 ps.
000: 8 × tU + 400 ps.
[5:3]
GE_RGMII_GTX_SEL
This field allows the RGMII transmit clock delay to be specified in terms of the DLL unit
delay (tU = 200 ps).
0x0
R/W
111: 10 × tU + 400 ps.
110: 9 × tU + 400 ps.
101: reserved.
100: reserved.
011: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com