Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
Data Sheet
ADIN1300
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 15 of 96
Table 13. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Supply Domain Description
PHY Address Hardware Configuration Pin (PHYAD_3).
30
RXD_2/PHYAD_21
VDDIO
RGMII/MII Receive Data 2 Output (RXD_2). See the MAC Interface section.
PHY Address Hardware Configuration Pin (PHYAD_2).
32
RXD_1/PHYAD_11
VDDIO
RGMII/RMII/MII Receive Data 1 Output (RXD_1). See the MAC Interface section.
PHY Address Hardware Configuration Pin (PHYAD_1).
33
RXD_0/PHYAD_01
VDDIO
RGMII/RMII/MII Receive Data 0 Output (RXD_0). See the MAC Interface section.
PHY Address Hardware Configuration Pin (PHYAD_0).
34
RXC/RX_CLK/
MACIF_SEL01
VDDIO
RGMII Receive Clock Output (RXC). 125 MHz at 1 Gbps, 25 MHz at 100 Mbps, 2.5 MHz at
10 Mbps.
MII Receive Clock Output (RX_CLK). 25 MHz at 100 Mbps, 2.5 MHz at 10 Mbps.
MAC Interface Selection Hardware Configuration Pin (MACIF_SEL0). See Table 27.
35
RX_CTL/RX_DV/CRS_DV/
MACIF_SEL11
VDDIO
RGMII Receive Control Signal (RX_CTL). This is a combination of the RX_DV and RX_ER signals
using both edges of RXC.
MII Mode Received Data Valid Output (RX_DV). When asserted high, it indicates that valid data is
present on the RXD_0 pin to RXD_3 pin in MII mode.
RMII Mode Carrier Sense/Received Data Valid Signal (CRS_DV). This is a combination of the CRS
and RX_DV signals and is asserted while the receive medium is nonidle. See the RMII Interface
Mode section.
MAC Interface Selection Hardware Configuration Pin (MACIF_SEL1). See Table 27.
37
TX_CTL/TX_EN
VDDIO
RGMII Transmit Control Signal (TX_CTL). This is a combination of the TX_EN and TX_ER signals
using both edges of TXC.
RMII/MII Mode Transmit Enable Input from the MAC to the PHY (TX_EN). This indicates that
transmission data is available on the TXD_x lines.
38
TXC/TX_CLK
VDDIO
RGMII Transmit Clock Input (TXC). 125 MHz at 1 Gbps, 25 MHz at 100 Mbps, 2.5 MHz at 10 Mbps
from MAC to PHY.
MII Output Clock from PHY to MAC (TX_CLK). The TX_CLK frequency is 2.5 MHz in 10BASE-Te
mode and 25 MHz in 100BASE-TX mode. TX_CLK has a constant phase relationship to the
XTAL_I/CLK_IN clock.
39
TXD_0
VDDIO
RGMII/RMII/MII Transmit Data 0 Input. See the MAC Interface section.
LED Interface
21
LED_0/COL/TX_ER/
PHY_CFG01
AVDD_3P3
Programmable LED Indicator for General-Purpose LED with 8 mA Drive Capability (LED_0).
The LED can be active high or active low. Recommended use is active low. The ADIN1300
automatically senses the connection of the LED during power-up and reset. By default, LED_0 is
on when a link is established and blinking when there is activity (this behavior can be changed by
software).
MII Collision Detect Output (COL). This indicates a collision condition.
MII Transmit Error Detected Input from the MAC to the PHY (TX_ER). Only available by default
when EEE advertisement is enabled using the hardware pin configuration (see Table 25).
4-Level Hardware Configuration Pin for PHY Configuration (PHY_CFG0) (see Table 25).
Other Pins
6
CLK25_REF
AVDD_3P3
Analog Reference Clock Output. The 25 MHz, 3.3 V reference clock from the crystal oscillator is
available on the CLK25_REF pin.
10
REXT
AVDD_3P3
External Bias Reference Resistor. Connect a 1% 3.01 kΩ resistor (1% tolerance, 100 ppm/oC
temperature coefficient (TC)) to GND.
26
LINK_ST/PHY_CFG11
VDDIO
General-Purpose Output Used to Output Link Status (LINK_ST). This indicates whether a valid link
has been established. LINK_ST is active high by default (this can be changed by software).
4-Level Hardware Configuration Pin for PHY Configuration (PHY_CFG1) (see Table 25).
27
GP_CLK/RX_ER/
MDIX_MODE
General-Purpose Output on which PHY Clocks can be Made Available (GP_CLK).
VDDIO
RMII/MII Mode Receive Error Detected Output (RX_ER). When asserted high, it indicates that the
PHY has detected a receive error.
4-Level Hardware Configuration Pin for Auto-MDIX Configuration (MDIX_MODE). See Table 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com