Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
Data Sheet
ADIN1300
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 14 of 96
Figure 10. Pin Configuration
Table 13. Pin Function Descriptions
Pin No.
Mnemonic
Supply Domain Description
Clock Interface
8
XTAL_O
AVDD_3P3
Second Terminal for Crystal Connection. If using a single-ended reference clock on XTAL_I/
CLK_IN/REF_CLK, leave XTAL_O open circuit.
9
XTAL_I/CLK_IN/REF_CLK
AVDD_3P3
Input for Crystal (XTAL_I).
Single-Ended 25 MHz Reference Clock (CLK_IN).
50 MHz RMII Reference Clock Input in RMII Mode (REF_CLK).
Management Interface
22
INT_N/CRS
VDDIO
Management Interface Interrupt Pin Output (INT_N). Active low output. A low on INT_N indicates
an unmasked management interrupt. This pin requires a 1.5 kΩ pull-up resistor to VDDIO.
MII Carrier Sense Output (CRS). Indicates the presence of a carrier to MAC.
23
MDC
Management Data Clock Input up to 5.5 MHz.
24
MDIO
Management Data Open-Drain Input/Output Synchronous to the MDC Clock. This pin requires a
1.5 kΩ pull-up resistor to VDDIO.
Reset
7
RESET_N
AVDD_3P3
Active Low Input. Hold low for >10 μs. This pin requires a1 kΩ pull-up resistor to AVDD_3P3.
Media Dependent
Interface (MDI)
12
MDI_0_P
AVDD_3P3
Transmit/Receive Differential Pair 0 Supporting 10 Mbps, 100 Mbps, and 1 Gbps.
13
MDI_0_N
AVDD_3P3
Transmit/Receive Differential Pair 0 Supporting 10 Mbps, 100 Mbps, and 1 Gbps.
14
MDI_1_P
AVDD_3P3
Transmit/Receive Differential Pair 1 Supporting 10 Mbps, 100 Mbps, and 1 Gbps.
15
MDI_1_N
AVDD_3P3
Transmit/Receive Differential Pair 1 Supporting 10 Mbps, 100 Mbps, and 1 Gbps.
16
MDI_2_P
AVDD_3P3
Transmit/Receive Differential Pair 2 for 1000BASE-T Mode. Unused in other modes.
17
MDI_2_N
AVDD_3P3
Transmit/Receive Differential Pair 2 for 1000BASE-T Mode. Unused in other modes.
18
MDI_3_P
AVDD_3P3
Transmit/Receive Differential Pair 3 for 1000BASE-T Mode. Unused in other modes.
19
MDI_3_N
AVDD_3P3
Transmit/Receive Differential Pair 3 for 1000BASE-T Mode. Unused in other modes.
MAC Interface
1
TXD_1
VDDIO
RGMII/RMII/MII Transmit Data 1 Input. See the MAC Interface section.
2
TXD_2
VDDIO
RGMII/MII Transmit Data 2 Input. See the MAC Interface section.
3
TXD_3
VDDIO
RGMII/MII Transmit Data 3 Input. See the MAC Interface section.
29
RXD_3/PHYAD_31
VDDIO
RGMII/MII Receive Data 3 Output (RXD_3). See the MAC Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com