Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 131 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 127Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 128Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 129Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 130Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 131Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 132Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 133Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 134Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
131
Confidential
18.6.1.3 Timing Diagram
The following diagram shows programming of 5 bytes into the E²PROM:
Explanation: It is assumed, that the CL RC632 finds and reads Byte 0 before the µ-Processor is able to write
Byte 1 (tprog,del = 300 ns). This causes the CL RC632 to start the programming cycle, which needs about
tprog = 5.8 ms. In the meantime the µ-Processor stores Byte 1 to Byte 4 to the FIFO buffer. Assuming, that the
E²PROM starting byte-address is e.g. 16Chex then Byte 0 is stored exactly there. The CL RC632 copies the
following data bytes into the E²PROM input buffer. Copying Byte 3, it detects, that this data byte has to be
programmed at the E²PROM byte-address 16Fhex. Since this is the end of the memory block, the CL RC632
automatically starts a programming cycle. In the next turn, Byte 4 will be programmed at the E²PROM byte-
address 170hex. Since this is the last data byte, the flags (E2Ready and TxIRq) that indicate the end of the
E²PROM programming activity will be set.
Although all data has been programmed into the E2PROM, the CL RC632 stays in the WriteE2-Command.
Writing further data to the FIFO would lead to further E²PROM programming, continuing at the E²PROM
byte-address 171hex. The command is stopped using the Idle-Command.
18.6.1.4 Error Flags for the WriteE2 Command
Programming is inhibited for the E²PROM blocks 0 (E²PROM’s byte-address 00hex to 0Fhex). Programming to
these addresses sets the flag AccessErr. No programming cycle is started. Addresses above 1FFhex are
taken modulo 200hex (for the E²PROM memory organisation, refer to chapter 6.).
NWrite
Data
WriteE2
command active
E²PROM
Programming
E2Ready
TxIRq
Write
E2
Adr
LSB
Adr
MSB
Byte0
Byte1
Byte2
Byte3
Byte4
Programming Byte0
Programming Byte1, Byte2, and Byte3
Programming Byte4
t
prog
t
prog
t
prog
t
prg,del
Idle
Cmd
Figure 18-7: Timing Diagram for E²PROM programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com