Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 134 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 130Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 131Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 132Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 133Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 134Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 135Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 136Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 137Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
134
Confidential
18.7.2.2 CRC-Coprocessor Settings
For the CRC-Coprocessor the following parameters may be configured:
Parameter
Value
Bit
Register
CRC Register Length
8 Bit or 16 Bit CRC
CRC8
ChannelRedundancy
CRC Algorithm
Algorithm according ISO14443-A or according
ISO/IEC3309
CRC3309
ChannelRedundancy
CRC Preset Value
Any
CRCPresetLSB,
CRCPresetMSB
CRCPresetLSB,
CRCPresetMSB
Table 18-8: CRC-Coprocessor Parameters
The CRC polynomial for the 8-bit CRC is fixed to
1
2
3
4
8
+
+
+
+
x
x
x
x
.
The CRC polynomial for the 16-bit CRC is fixed to
1
5
12
16
+
+
+
x
x
x
.
18.7.2.3 Status Flags of the CRC-Coprocessor
The status flag CRCReady indicates, that the CRC-Coprocessor has finished processing of all data bytes
found in the FIFO buffer. With the CRCReady flag setting to 1, an interrupt is requested with TxIRq being set.
This supports interrupt driven usage of the CRC-Coprocessor.
When CRCReady and TxIRq are set to 1, respectively, the content of the CRCResultLSB- and
CRCResultMSB-register and the flag CRCErr is valid.
The CRCResultLSB- and CRCResultMSB-register hold the content of the CRC register, the CRCErr flag
indicates CRC validity for the processed data.
18.8 Error Handling during Command Execution
If any error is detected during command execution, this is shown by setting the status flag Err in the
PrimaryStatus Register. For information about the cause of the error, the µ-Processor may evaluate the
status flags in the ErrorFlag Register.
Error Flag of the ErrorFlag Register
Related to Command
KeyErr
LoadKeyE2, LoadKey
AccessError
WriteE2, ReadE2, LoadConfig
FIFOOvl
No specific commands
CRCErr
Receive, Transceive, CalcCRC
FramingErr
Receive, Transceive
ParityErr
Receive, Transceive
CollErr
Receive, Transceive
Table 18-9: Error Flags Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com