Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 137 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 133Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 134Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 135Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 136Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 137Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 138Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 139Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 140Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
137
Confidential
19 MIFARECLASSIC AUTHENTICATION AND CRYPTO1
19.1 General
The security algorithm implemented in MIFAREClassic products is called Crypto1. It is based on a
proprietary stream cipher with a key length of 48 bits. To access data of a MIFAREClassic card, the
knowledge of the according key is necessary. For successful card authentication and subsequent access to
the card’s data stored in the EEPROM, the correct key has to be available in the CL RC632. After a card is
selected as defined in ISO14443A the user may continue with the MIFAREClassic protocol. In this case it
is mandatory to perform a card authentication. The Crypto1 authentication is a 3-pass authentication. This
procedure is done automatically with the execution of Authent1- (see 18.9.3) and the Authent2-Commands
(see 18.9.4). During the card authentication procedure, the security algorithm is initialised. The
communication with a MIFAREClassic card following a successful authentication is encrypted.
19.2 Crypto1 Key Handling
During the authentication command the CL RC632 reads the key from the internal key buffer. The key is
always taken from the key buffer. Therefore, the commands for Crypto1 authentication do not require
addressing of a key. The user has to ensure, that the correct key is prepared in the key buffer before the
card authentication is triggered.
The key buffer can be loaded
•
from the E²PROM with the LoadKeyE2-Command (see 18.9.1)
•
directly from the µ-Processor via the FIFO-Buffer with the LoadKey-Command (see 18.9.2)
This is shown in the following figure:
FIFO
E²PROM:
Keys
Key Buffer
Crypto1 Module
WriteE2
Serial Data Stream In
(Plain)
Serial Data Stream Out
(Encrypted)
During
Authent1
From the
µController
LoadKey
LoadKeyE2
.
Figure 19-1: Key Handling: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com