Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 19 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 19 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 15Page - Texas Instruments DLP391TPFSB Datasheet HTML 16Page - Texas Instruments DLP391TPFSB Datasheet HTML 17Page - Texas Instruments DLP391TPFSB Datasheet HTML 18Page - Texas Instruments DLP391TPFSB Datasheet HTML 19Page - Texas Instruments DLP391TPFSB Datasheet HTML 20Page - Texas Instruments DLP391TPFSB Datasheet HTML 21Page - Texas Instruments DLP391TPFSB Datasheet HTML 22Page - Texas Instruments DLP391TPFSB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
5.10 Micromirror Array Physical Characteristics
PARAMETER DESCRIPTION
VALUE
UNIT
M
Number of active columns (1) (2)
1360
micromirrors
N
Number of active rows (1) (2)
1536
micromirrors
Ɛ
Micromirror pitch, diagonal(1)
4.525
µm
P
Micromirror pitch, vertical and horizontal (1)
6.4
µm
Micromirror active array width (1)
(P × M) + (P / 2)
8.7072
mm
Micromirror active array height (1)
(P × N) / 2 + (P / 2)
4.9184
mm
Micromirror active border (3)
Pond of micromirror (POM)
15
micromirrors/side
(1)
See Figure 5-16.
(2)
The fast switching speed of the DMD micromirrors combined with advanced DLP image processing algorithms enables each
micromirror to display four distinct pixels on the screen during every frame, resulting in a full 3840 x 2160 pixel image being displayed.
(3)
The structure and qualities of the border around the active array include a band of partially functional micromirrors referred to as the
Pond of Micromirrors (POM). These micromirrors are structurally and/or electrically prevented from tilting toward the bright or ON state
but still require an electrical bias to tilt toward the OFF state.
Incoming Illumination
Light Path
Row 1
Row 2
Row 3
Row N-4
Row N-3
Row N-2
Row N-1
Row N-6
Row N-5
Row N-8
Row N-7
Row 0
Row 4
Row 5
Row 6
Row 7
DMD Active Mirror Array
On-State
Tilt Direction
Off-State
Tilt Direction
Array Width
P (um)
Off State
Light Path
Figure 5-16. Micromirror Array Physical Characteristics
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com