Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 3 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 3 Page - Texas Instruments

  DLP391TPFSB Datasheet HTML 1Page - Texas Instruments DLP391TPFSB Datasheet HTML 2Page - Texas Instruments DLP391TPFSB Datasheet HTML 3Page - Texas Instruments DLP391TPFSB Datasheet HTML 4Page - Texas Instruments DLP391TPFSB Datasheet HTML 5Page - Texas Instruments DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
4 Pin Configuration and Functions
A
B
K
J
H
G
F
E
D
C
6
5
1
3
2
4
M
L
7
20
21
22
12
11
15
17
16
18
19
9
8
10
13
23
14
Figure 4-1. FSB Package 154-Pin LGA (Bottom View)
Table 4-1. Pin Functions
PIN (2)
TYPE(1)
DESCRIPTION
TERMINATION
TRACE
LENGTH
(mm)
NAME
PAD ID
D_AP(0)
C2
I
High-Speed Differential Data Pair lane A0
Differential 100Ω
1.123
D_AN(0)
C3
I
High-Speed Differential Data Pair lane A0
Differential 100Ω
1.414
D_AP(1)
D2
I
High-Speed Differential Data Pair lane A1
Differential 100Ω
1.212
D_AN(1)
D3
I
High-Speed Differential Data Pair lane A1
Differential 100Ω
1.626
D_AP(2)
C4
I
High-Speed Differential Data Pair lane A2
Differential 100Ω
3.011
D_AN(2)
C5
I
High-Speed Differential Data Pair lane A2
Differential 100Ω
3.388
D_AP(3)
D5
I
High-Speed Differential Data Pair lane A3
Differential 100Ω
3.682
D_AN(3)
D6
I
High-Speed Differential Data Pair lane A3
Differential 100Ω
3.912
D_AP(4)
G5
I
High-Speed Differential Data Pair lane A4
Differential 100Ω
3.542
D_AN(4)
G6
I
High-Speed Differential Data Pair lane A4
Differential 100Ω
3.662
D_AP(5)
E2
I
High-Speed Differential Data Pair lane A5
Differential 100Ω
0.972
D_AN(5)
E3
I
High-Speed Differential Data Pair lane A5
Differential 100Ω
1.335
D_AP(6)
E5
I
High-Speed Differential Data Pair lane A6
Differential 100Ω
4.520
D_AN(6)
E6
I
High-Speed Differential Data Pair lane A6
Differential 100Ω
4.634
D_AP(7)
H5
I
High-Speed Differential Data Pair lane A7
Differential 100Ω
3.200
D_AN(7)
H6
I
High-Speed Differential Data Pair lane A7
Differential 100Ω
3.515
DCLK_AP
F4
I
High-Speed Differential Clock A
Differential 100Ω
2.610
DCLK_AN
F5
I
High-Speed Differential Clock A
Differential 100Ω
3.068
D_BP(0)
C20
I
High-Speed Differential Data Pair lane B0
Differential 100Ω
2.563
D_BN(0)
C19
I
High-Speed Differential Data Pair lane B0
Differential 100Ω
2.636
D_BP(1)
D21
I
High-Speed Differential Data Pair lane B1
Differential 100Ω
2.329
D_BN(1)
D20
I
High-Speed Differential Data Pair lane B1
Differential 100Ω
2.487
D_BP(2)
C18
I
High-Speed Differential Data Pair lane B2
Differential 100Ω
4.300
D_BN(2)
D18
I
High-Speed Differential Data Pair lane B2
Differential 100Ω
4.569
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com