Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 10 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments DLP391TPFSB Datasheet HTML 10Page - Texas Instruments DLP391TPFSB Datasheet HTML 11Page - Texas Instruments DLP391TPFSB Datasheet HTML 12Page - Texas Instruments DLP391TPFSB Datasheet HTML 13Page - Texas Instruments DLP391TPFSB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Array
0.5 mm
Window
Aperture
Window Aperture
9.802 mm
Window
Window
Limited illumination area on
window aperture
Figure 5-2. Illumination Overfill Diagram—Critical Area
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com