Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 29 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 25Page - Texas Instruments DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments DLP391TPFSB Datasheet HTML 32Page - Texas Instruments DLP391TPFSB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Between the two extremes (ignoring, for the moment, color and any image processing that may be applied to an
incoming image), the landed duty cycle tracks one-to-one with the grayscale value, as shown in Table 6-1.
Table 6-1. Grayscale Value and Landed Duty Cycle
GRAYSCALE VALUE
LANDED DUTY CYCLE
0%
0/100
10%
10/90
20%
20/80
30%
30/70
40%
40/60
50%
50/50
60%
60/40
70%
70/30
80%
80/20
90%
90/10
100%
100/0
Accounting for color rendition (but still ignoring image processing) requires knowing both the color intensity (from
0% to 100%) for each constituent primary color (red, green, and/or blue) for the given pixel as well as the color
cycle time for each primary color, where “color cycle time” is the total percentage of the frame time that a given
primary must be displayed in order to achieve the desired white point.
Use Equation 13 to calculate the landed duty cycle of a given pixel during a given time period.
Landed Duty Cycle = (Red_Cycle_% × Red_Scale_Value) + (Green_Cycle_% × Green_Scale_Value) +
(Blue_Cycle_% × Blue_Scale_Value)
(13)
where
• Red_Cycle_%, represents the percentage of the frame time that red is displayed to achieve the desired white
point.
• Green_Cycle_% represents the percentage of the frame time that green is displayed to achieve the desired
white point.
• Blue_Cycle_%, represents the percentage of the frame time that blue is displayed to achieve the desired
white point.
For example, assume that the red, green, and blue color cycle times are 30%, 50%, and 20%, respectively (in
order to achieve the desired white point), then the landed duty cycle for various combinations of red, green, blue
color intensities would be as shown in Table 6-2 and Table 6-3.
Table 6-2. Example Landed Duty Cycle for Full-
Color, Color Percentage
CYCLE PERCENTAGE
GREEN
BLUE
RED
50%
20%
30%
Table 6-3. Example Landed Duty Cycle for Full-Color
SCALE VALUE
LANDED DUTY
CYCLE
GREEN
BLUE
RED
0%
0%
0%
0/100
100%
0%
0%
50/50
0%
100%
0%
20/80
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com