Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 20 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 16Page - Texas Instruments DLP391TPFSB Datasheet HTML 17Page - Texas Instruments DLP391TPFSB Datasheet HTML 18Page - Texas Instruments DLP391TPFSB Datasheet HTML 19Page - Texas Instruments DLP391TPFSB Datasheet HTML 20Page - Texas Instruments DLP391TPFSB Datasheet HTML 21Page - Texas Instruments DLP391TPFSB Datasheet HTML 22Page - Texas Instruments DLP391TPFSB Datasheet HTML 23Page - Texas Instruments DLP391TPFSB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
5.11 Micromirror Array Optical Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Micromirror tilt angle
DMD landed state (1) (2) (3) (4)
13.5
14.5
15.5
degrees
Micromirror crossover time(5)
1
3
µs
Micromirror switching time(6)
6
µs
Image
Performance(7)
Bright pixel(s) in active area(8)
Gray 10 Screen(9)
0
Micromirrors
Bright pixel(s) in the POM(10)
Gray 10 Screen(9)
1
Dark pixel(s) in the active area(11)
White Screen
4
Adjacent pixel(s)(12)
Any Screen
0
Unstable pixel(s) in active area(13)
Any Screen
0
(1)
Measured relative to the plane formed by the overall micromirror array
(2)
Additional variation exists between the micromirror array and the package datums.
(3)
Represents the variation that can occur between any two individual micromirrors, located on the same device or on different devices.
(4)
For some applications, it is critical to account for the micromirror tilt angle variation in the overall system optical design. With some
system optical designs, the micromirror tilt angle variation within a device may result in perceivable non-uniformities in the light field
reflected from the micromirror array. With some system optical designs, the micromirror tilt angle variation between devices may result
in colorimetry variations, system efficiency variations, or system contrast variations.
(5)
The time required for a micromirror to nominally transition from one landed state to the opposite landed state.
(6)
The minimum time between successive transitions of a micromirror
(7)
Conditions of Acceptance: All DMD image quality returns will be evaluated using the following projected image test conditions:
Test set degamma shall be linear
Test set brightness and contrast shall be set to nominal
The diagonal size of the projected image shall be a minimum of 20 inches
The projection screen shall be unity gain
The projected image shall be inspected from a 38-inch minimum viewing distance
The image must be in focus during all image quality tests.
(8)
Bright pixel definition: A single pixel or mirror that is stuck in the ON position and is visibly brighter than the surrounding pixels.
(9)
Gray 10 screen definition: All areas of the screen are colored with the following settings:
Red = 10/255
Green = 10/255
Blue = 10/255
(10) POM definition: Rectangular border of off-state mirrors surrounding the active area
(11) Dark pixel definition: A single pixel or mirror that is stuck in the OFF position and is visibly darker than the surrounding pixels.
(12) Adjacent pixel definition: Two or more stuck pixels sharing a common border or common point, also referred to as a cluster.
(13) Unstable pixel definition: A single pixel or mirror that does not operate in sequence with parameters loaded into memory. The unstable
pixel appears to be flickering asynchronously with the image.
5.12 Window Characteristics
PARAMETER
MIN
NOM
MAX
Window material
Corning Eagle XG
Window refractive index
at wavelength 546.1nm
1.5119
Window aperture (1)
Illumination overfill
See Section 6.5
(1)
See the mechanical package ICD for details regarding the size and location of the window aperture.
5.13 Chipset Component Usage Specification
Reliable function and operation of the DLP391TP DMD requires that it be used in conjunction with the other
components of the applicable DLP chipset, including those components that contain or implement TI DMD
control technology. TI DMD control technology consists of the TI technology and devices used for operating or
controlling a DLP DMD.
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com