Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 23 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 19Page - Texas Instruments DLP391TPFSB Datasheet HTML 20Page - Texas Instruments DLP391TPFSB Datasheet HTML 21Page - Texas Instruments DLP391TPFSB Datasheet HTML 22Page - Texas Instruments DLP391TPFSB Datasheet HTML 23Page - Texas Instruments DLP391TPFSB Datasheet HTML 24Page - Texas Instruments DLP391TPFSB Datasheet HTML 25Page - Texas Instruments DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
6.3 Feature Description
6.3.1 Power Interface
The DMD requires four DC voltages: 1.8V source (for VDD and VDDI), VOFFSET, VRESET, and VBIAS. In a typical
LED-based system, 1.8V, VOFFSET, VRESET, and VBIAS are managed by the DLPA3085 / DLPA3082 PMIC and
LED driver.
6.3.2 LPSDR Low-Speed Interface
The low-speed interface handles instructions that configure the DMD and control reset operation. LS_CLK is the
low-speed clock, and LS_WDATA is the low-speed data input.
6.3.3 High-Speed Interface
The purpose of the high-speed interface is to transfer pixel data rapidly and efficiently, making use of high-speed
DDR transfer and compression techniques to save power and time. The high-speed interface is composed of
differential SubLVDS receivers for inputs, with a dedicated clock.
6.3.4 Timing
The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and
their transmission line effects must be considered. Figure 5-14 shows an equivalent test load circuit for the
output under test. Timing reference loads are not intended to be precise representations of any particular system
environment or depiction of the actual load presented by a production test. System designers should use IBIS
or other simulation tools to correlate the timing reference load to a system environment. The load capacitance
value stated is only for the characterization and measurement of AC timing signals. This load capacitance value
does not indicate the maximum load the device is capable of driving.
6.4 Device Functional Modes
DMD functional modes are controlled by the DLPC8445V display controller. See the DLPC8445V display
controller data sheet or contact a TI applications engineer.
6.5 Optical Interface and System Image Quality Considerations
TI assumes no responsibility for end-equipment optical performance. Achieving the desired end-equipment
optical performance involves making trade-offs between numerous component and system design parameters.
Optimizing system optical performance and image quality strongly relate to optical system design parameter
trade-offs. Although it is not possible to anticipate every conceivable application, projector image quality and
optical performance are contingent on compliance with the optical system operating conditions described in the
following sections.
6.5.1 Numerical Aperture and Stray Light Control
The angle defined by the numerical aperture of the illumination and projection optics at the DMD optical area
should be the same. This angle should not exceed the nominal device micromirror tilt angle unless appropriate
apertures are added in the illumination and projection pupils to block out flat-state and stray light from the
projection lens. The micromirror tilt angle defines the DMD's capability to separate the "ON" optical path from
any other light path, including undesirable flat-state specular reflections from the DMD window, DMD border
structures, or other system surfaces near the DMD, such as prism or lens surfaces. If the numerical aperture
exceeds the micromirror tilt angle, or if the projection numerical aperture angle is more than two degrees larger
than the illumination numerical aperture angle (and vice versa), contrast degradation and objectionable artifacts
in the display border and active area could occur.
6.5.2 Pupil Match
TI’s optical and image quality specifications assume that the exit pupil of the illumination optics is nominally
centered within 2° of the entrance pupil of the projection optics. Misalignment of pupils can create objectionable
artifacts in the display border or active area, which may require additional system apertures to control, especially
if the numerical aperture of the system exceeds the pixel tilt angle.
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com