Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 4 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 4 Page - Texas Instruments

  DLP391TPFSB Datasheet HTML 1Page - Texas Instruments DLP391TPFSB Datasheet HTML 2Page - Texas Instruments DLP391TPFSB Datasheet HTML 3Page - Texas Instruments DLP391TPFSB Datasheet HTML 4Page - Texas Instruments DLP391TPFSB Datasheet HTML 5Page - Texas Instruments DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Table 4-1. Pin Functions (continued)
PIN (2)
TYPE(1)
DESCRIPTION
TERMINATION
TRACE
LENGTH
(mm)
NAME
PAD ID
D_BP(3)
E20
I
High-Speed Differential Data Pair lane B3
Differential 100Ω
3.112
D_BN(3)
E19
I
High-Speed Differential Data Pair lane B3
Differential 100Ω
3.485
D_BP(4)
F22
I
High-Speed Differential Data Pair lane B4
Differential 100Ω
1.073
D_BN(4)
F21
I
High-Speed Differential Data Pair lane B4
Differential 100Ω
1.239
D_BP(5)
H18
I
High-Speed Differential Data Pair lane B5
Differential 100Ω
4.146
D_BN(5)
G18
I
High-Speed Differential Data Pair lane B5
Differential 100Ω
4.330
D_BP(6)
F18
I
High-Speed Differential Data Pair lane B6
Differential 100Ω
4.241
D_BN(6)
E18
I
High-Speed Differential Data Pair lane B6
Differential 100Ω
4.494
D_BP(7)
G22
I
High-Speed Differential Data Pair lane B7
Differential 100Ω
0.663
D_BN(7)
G21
I
High-Speed Differential Data Pair lane B7
Differential 100Ω
1.054
DCLK_BP
F20
I
High-Speed Differential Clock B
Differential 100Ω
2.404
DCLK_BN
F19
I
High-Speed Differential Clock B
Differential 100Ω
2.610
D_CP(0)
G2
I
High-Speed Differential Data Pair lane C0
Differential 100Ω
1.052
D_CN(0)
G3
I
High-Speed Differential Data Pair lane C0
Differential 100Ω
1.112
D_CP(1)
M7
I
High-Speed Differential Data Pair lane C1
Differential 100Ω
6.519
D_CN(1)
M8
I
High-Speed Differential Data Pair lane C1
Differential 100Ω
6.611
D_CP(2)
H2
I
High-Speed Differential Data Pair lane C2
Differential 100Ω
0.921
D_CN(2)
H3
I
High-Speed Differential Data Pair lane C2
Differential 100Ω
1.376
D_CP(3)
M5
I
High-Speed Differential Data Pair lane C3
Differential 100Ω
5.196
D_CN(3)
M6
I
High-Speed Differential Data Pair lane C3
Differential 100Ω
5.318
D_CP(4)
K3
I
High-Speed Differential Data Pair lane C4
Differential 100Ω
1.579
D_CN(4)
K4
I
High-Speed Differential Data Pair lane C4
Differential 100Ω
1.648
D_CP(5)
M3
I
High-Speed Differential Data Pair lane C5
Differential 100Ω
3.414
D_CN(5)
M4
I
High-Speed Differential Data Pair lane C5
Differential 100Ω
3.857
D_CP(6)
L4
I
High-Speed Differential Data Pair lane C6
Differential 100Ω
2.460
D_CN(6)
L5
I
High-Speed Differential Data Pair lane C6
Differential 100Ω
2.566
D_CP(7)
K1
I
High-Speed Differential Data Pair lane C7
Differential 100Ω
1.114
D_CN(7)
L1
I
High-Speed Differential Data Pair lane C7
Differential 100Ω
1.707
DCLK_CP
K5
I
High-Speed Differential Clock C
Differential 100Ω
3.744
DCLK_CN
K6
I
High-Speed Differential Clock C
Differential 100Ω
3.883
D_DP(0)
J19
I
High-Speed Differential Data Pair lane D0
Differential 100Ω
4.189
D_DN(0)
J18
I
High-Speed Differential Data Pair lane D0
Differential 100Ω
4.435
D_DP(1)
M18
I
High-Speed Differential Data Pair lane D1
Differential 100Ω
6.588
D_DN(1)
M17
I
High-Speed Differential Data Pair lane D1
Differential 100Ω
6.867
D_DP(2)
H21
I
High-Speed Differential Data Pair lane D2
Differential 100Ω
1.754
D_DN(2)
H20
I
High-Speed Differential Data Pair lane D2
Differential 100Ω
1.936
D_DP(3)
J22
I
High-Speed Differential Data Pair lane D3
Differential 100Ω
1.339
D_DN(3)
J21
I
High-Speed Differential Data Pair lane D3
Differential 100Ω
1.634
D_DP(4)
L20
I
High-Speed Differential Data Pair lane D4
Differential 100Ω
3.329
D_DN(4)
L19
I
High-Speed Differential Data Pair lane D4
Differential 100Ω
3.436
D_DP(5)
M20
I
High-Speed Differential Data Pair lane D5
Differential 100Ω
3.631
D_DN(5)
M19
I
High-Speed Differential Data Pair lane D5
Differential 100Ω
3.738
D_DP(6)
M22
I
High-Speed Differential Data Pair lane D6
Differential 100Ω
2.420
D_DN(6)
M21
I
High-Speed Differential Data Pair lane D6
Differential 100Ω
2.573
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com