Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 2 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 2 Page - Texas Instruments

  DLP391TPFSB Datasheet HTML 1Page - Texas Instruments DLP391TPFSB Datasheet HTML 2Page - Texas Instruments DLP391TPFSB Datasheet HTML 3Page - Texas Instruments DLP391TPFSB Datasheet HTML 4Page - Texas Instruments DLP391TPFSB Datasheet HTML 5Page - Texas Instruments DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 Storage Conditions..................................................... 7
5.3 ESD Ratings............................................................... 7
5.4 Recommended Operating Conditions.........................8
5.5 Thermal Information.................................................. 11
5.6 Electrical Characteristics...........................................12
5.7 Switching Characteristics..........................................13
5.8 Timing Requirements................................................13
5.9 System Mounting Interface Loads............................ 18
5.10 Micromirror Array Physical Characteristics............. 19
5.11 Micromirror Array Optical Characteristics............... 20
5.12 Window Characteristics.......................................... 20
5.13 Chipset Component Usage Specification............... 20
6 Detailed Description......................................................22
6.1 Overview................................................................... 22
6.2 Functional Block Diagram......................................... 22
6.3 Feature Description...................................................23
6.4 Device Functional Modes..........................................23
6.5 Optical Interface and System Image Quality
Considerations............................................................ 23
6.6 Micromirror Array Temperature Calculation.............. 24
6.7 Micromirror Power Density Calculation.....................25
6.8 Window Aperture Illumination Overfill Calculation.... 27
6.9 Micromirror Landed-On/Landed-Off Duty Cycle....... 28
7 Application and Implementation.................................. 31
7.1 Application Information............................................. 31
7.2 Typical Application.................................................... 31
7.3 Temperature Sensor Diode....................................... 32
8 Power Supply Recommendations................................33
8.1 DMD Power Supply Power-Up Procedure................ 33
8.2 DMD Power Supply Power-Down Procedure........... 33
9 Layout.............................................................................35
9.1 Layout Guidelines..................................................... 35
10 Device and Documentation Support..........................36
10.1 Third-Party Products Disclaimer............................. 36
10.2 Device Support....................................................... 36
10.3 Documentation Support.......................................... 37
10.4 Support Resources................................................. 37
10.5 Trademarks.............................................................37
10.6 Electrostatic Discharge Caution..............................37
10.7 Glossary..................................................................37
11 Revision History.......................................................... 37
12 Mechanical, Packaging, and Orderable
Information.................................................................... 38
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com