Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 13 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 9Page - Texas Instruments DLP391TPFSB Datasheet HTML 10Page - Texas Instruments DLP391TPFSB Datasheet HTML 11Page - Texas Instruments DLP391TPFSB Datasheet HTML 12Page - Texas Instruments DLP391TPFSB Datasheet HTML 13Page - Texas Instruments DLP391TPFSB Datasheet HTML 14Page - Texas Instruments DLP391TPFSB Datasheet HTML 15Page - Texas Instruments DLP391TPFSB Datasheet HTML 16Page - Texas Instruments DLP391TPFSB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
5.7 Switching Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Output propagation, clock to Q, rising edge of LS_CLK
input to LS_RDATA output. (1)
CL = 15pF
15
ns
Slew rate, LS_RDATA
0.3
V/ns
Output duty cycle distortion, LS_RDATA
40
60
%
(1)
Device electrical characteristics are over Section 5.4 unless otherwise noted.
5.8 Timing Requirements
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX UNIT
LVCMOS
LPSDR
tr
Rise slew rate (2)
(20% to 80%) × VDD(6)
0.25
V/ns
tf
Fall slew rate (2)
(80% to 20%) × VDD(6)
0.25
V/ns
tr
Rise slew rate (1)
(30% to 80%) × VDD(6)
1
3
V/ns
tf
Fall slew rate (1)
(70% to 20%) × VDD(6)
1
3
V/ns
tW(H)
Pulse duration LS_CLK high
50% to 50% reference points(5)
4.2
ns
tW(L)
Pulse duration LS_CLK low
50% to 50% reference points(5)
4.2
ns
tsu
Setup time
LS_WDATA valid before LS_CLK(5)
1.5
ns
th
Hold time
LS_WDATA valid after LS_CLK(5)
1.5
ns
SubLVDS
tr
Rise slew rate
20% to 80% reference points(7)
0.7
1
V/ns
tf
Fall slew rate
80% to 20% reference points(7)
0.7
1
V/ns
tW(H)
Pulse duration DCLK high
50% to 50% reference points(8)
0.7
ns
tW(L)
Pulse duration DCLK low
50% to 50% reference points(8)
0.7
ns
tWINDOW
Window time (1) (3)
Setup time + Hold time(5)
0.25
ns
tsu
Setup time
HS_DATA valid before HS_CLK(8)
0.17
ns
th
Hold time
HS_DATA valid after HS_CLK(8)
0.17
ns
tPOWER
Power-up receiver(4)
200
ns
(1)
The specification is for the DMD_DEN_ARSTZ pin. Refer to the LPSDR input rise and fall slew rate in Figure 5-4.
(2)
The specification is for the LS_CLK and LS_WDATA pins. Refer to the LPSDR input rise and fall slew rate in Figure 5-4.
(3)
Window time derating example: 0.5V/ns slew rate increases the window time by 0.7ns, from 3ns to 3.7ns. See Figure 5-6.
(4)
The specification is for the SubLVDS receiver time only and does not take into account commanding and latency after commanding.
(5)
See Figure 5-3.
(6)
See Figure 5-4.
(7)
See Figure 5-5.
(8)
See Figure 5-7.
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com