Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 30 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments DLP391TPFSB Datasheet HTML 32Page - Texas Instruments DLP391TPFSB Datasheet HTML 33Page - Texas Instruments DLP391TPFSB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Table 6-3. Example Landed Duty Cycle for Full-Color
(continued)
SCALE VALUE
LANDED DUTY
CYCLE
GREEN
BLUE
RED
0%
0%
100%
30/70
12%
0%
0%
6/94
0%
35%
0%
7/93
0%
0%
60%
18/82
100%
100%
0%
70/30
0%
100%
100%
50/50
100%
0%
100%
80/20
12%
35%
0%
13/87
0%
35%
60%
25/75
12%
0%
60%
24/76
100%
100%
100%
100/0
The last factor to account for in estimating the landed duty cycle is any applied image processing. Within the
controller, the gamma function affects the landed duty cycle.
Gamma is a power function of the form Output_Level = A × Input_LevelGamma, where A is a scaling factor that is
typically set to 1.
In the controller, gamma is applied to the incoming image data on a pixel-by-pixel basis. A typical gamma factor
is 2.2, which transforms the incoming data as shown in Figure 6-4.
Input Level (%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
D002
Gamma = 2.2
Figure 6-4. Example of Gamma = 2.2
From Figure 6-4, if the grayscale value of a given input pixel is 40% (before gamma is applied), then the
grayscale value will be 13% after gamma is applied. Therefore, it can be seen that since gamma has a direct
impact on the displayed grayscale level of a pixel, it also has a direct impact on the landed duty cycle of a pixel.
Consideration must also be given to any image processing that occurs before the controller.
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com