Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 45 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 45 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 38Page - Texas Instruments DLP391TPFSB Datasheet HTML 39Page - Texas Instruments DLP391TPFSB Datasheet HTML 40Page - Texas Instruments DLP391TPFSB Datasheet HTML 41Page - Texas Instruments DLP391TPFSB Datasheet HTML 42Page - Texas Instruments DLP391TPFSB Datasheet HTML 43Page - Texas Instruments DLP391TPFSB Datasheet HTML 44Page - Texas Instruments DLP391TPFSB Datasheet HTML 45Page - Texas Instruments DLP391TPFSB Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
VIEW H-H
BACK SIDE METALLIZATION
SCALE 20 : 1
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2519203
5
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
INSTRUMENTS
Dallas Texas
TEXAS
DRAWN
2519203
5
5
A
D
B. HASKETT
6/19/2024
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
A
B
C
D
E
F
G
H
J
K
L
M
0.22 A B C
 0.12A
SYMBOLIZATION PAD
(7 X 4)
9
9
4
4
2.5
B
8.1664
=
11 X 0.7424
4.0832
16.3328
22 X 0.7424 =
1.25
C
1.285
149X SQUARE LGA PADS
0.52±0.05 X 0.52±0.05
(
0.52)
5X CIRCULAR TEST PADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com