Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 31 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments DLP391TPFSB Datasheet HTML 32Page - Texas Instruments DLP391TPFSB Datasheet HTML 33Page - Texas Instruments DLP391TPFSB Datasheet HTML 34Page - Texas Instruments DLP391TPFSB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
DMDs are spatial light modulators that reflect incoming light from an illumination source to one of two directions,
with the primary direction being into a projection or collection optic. Each application is derived primarily from the
optical architecture of the system and the format of the data coming into the DLPC8445V controller. The high tilt
pixel in the bottom-illuminated DMD increases brightness performance and enables a smaller system footprint
for thickness-constrained applications. Typical applications using the DLP391TP include mobile smart TVs and
digital signage.
DMD power-up and power-down sequencing is strictly controlled by the DLPA3085 / DLPA3082 . Refer to
the Power Supply Recommendations for power-up and power-down specifications. For reliable operation, the
DLP391TP DMD must always be used with the DLPC8445V controller and a DLPA3085 / DLPA3082 PMIC.
7.2 Typical Application
The DLP391TP DMD, combined with DLPC8445V digital controller and a power management device, provides
full 4K UHD resolution for bright, colorful display applications. See Figure 7-1, which shows the system
components needed along with the LED configuration of the DLP 0.39" 4K UHD chipset. The components
include the DLP391TP DMD, the DLPC8445V display controller, and the DLPA3085 / DLPA3082 PMIC and LED
driver.
DLPC
Primary
DLPA
PMIC
TI DLP chipset
Third party component
VBIAS, VOFFSET, VRESET
SYSPWR (14.5 V to 20 V)
PWRGOOD
LS Interface
PROJ_ON
Vx1
I
2C
DSI
4-Port SubLVDS
GPIO (PROJ_ON)
GPIO
SPI BUS (Ctrl) (4)
POSENSE
Front End
Device
Vx1 or DSI:
3840 × 2160
@ 60Hz
USB Mux
DC
Supply
VSPI
1.8 V
1.1
Reg
0.8 V @ 3 A
for DLPC
L3
LDO 2
LED_SEL (2)
1.8
Reg
USB Camera
Actuator
Driver
4-Position
Actuator
Flash
SPI(4)
FLSH
3D L/R
Fan or
programmable DC supply
RESETZ
INITZ
DC
Reg
L4
L5
1.8 V @ 3 A for
DMD and DLPC
LDO 1
3.3 V @ 2 A
2.5 V
DLP
4K UHD DMD
VLED
L1
RLIM current sense
SYSPWR
L2
(3)
1.21 V
1.8 V
3.3 V
1.15 V
USB 2.0
1.8 V
I
2C
EEPROM
SPI (2)
I
2C BUSY
Figure 7-1. Typical 4K UHD LED Application Diagram
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com