Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 6 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 2Page - Texas Instruments DLP391TPFSB Datasheet HTML 3Page - Texas Instruments DLP391TPFSB Datasheet HTML 4Page - Texas Instruments DLP391TPFSB Datasheet HTML 5Page - Texas Instruments DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments DLP391TPFSB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not
imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating
Conditions. If outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD
Supply voltage for LVCMOS core logic and low speed interface (LSIF)(1)
-0.5
2.3
V
VDDI
Supply voltage for SubLVDS receivers(1)
-0.5
2.3
V
VOFFSET
Supply voltage for HVCMOS and micromirror electrode(1) (2)
-0.5
11
V
VBIAS
Supply voltage for micromirror electrode(1)
-0.5
19
V
VRESET
Supply voltage for micromirror electrode(1)
-15
0.5
V
| VDDI - VDD |
Supply voltage delta, absolute value(3)
0.3
V
| VBIAS - VOFFSET |
Supply voltage delta, absolute value(4)
11
V
| VBIAS - VRESET |
Supply voltage delta, absolute value(5)
34
V
INPUT VOLTAGE
Input voltage for other inputs — LSIF and LVCMOS
-0.5
VDD + 0.5
V
Input voltage for other inputs — SubLVDS(1) (6)
-0.5
VDDI + 0.5
V
SUBLVDS INTERFACE
| VID |
SubLVDS input differential voltage (absolute value)(6)
810
mV
IID
SubLVDS input differential current
10
mA
CLOCK FREQUENCY
ƒclock
Clock frequency for low-speed interface LS_CLK
100
130
MHz
TEMPERATURE DIODE
ITEMP_DIODE
Max current source into the temperature diode
120
µA
ENVIRONMENTAL
TARRAY
Temperature, operating(7)
0
90
°C
TARRAY
Temperature, non-operating(7)
-40
90
°C
TDP
Dew point temperature, operating and non–operating (noncondensing)
81
°C
(1)
All voltage values are with respect to the ground terminals (VSS). The following required power supplies must be connected for proper
DMD operation: VDD, VDDI, VOFFSET, VBIAS, and VRESET. All VSS connections are also required.
(2)
VOFFSET supply transients must fall within specified voltages.
(3)
Exceeding the recommended allowable absolute voltage difference between VDDI and VDD may result in excessive current draw and
permanent damage to the device.
(4)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VOFFSET may result in excessive current draw
and permanent damage to the device.
(5)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VRESET may result in excessive current draw
and permanent damage to the device.
(6)
This maximum input voltage rating applies when each input of a differential pair is at the same voltage potential. SubLVDS differential
inputs must not exceed the specified limit or damage to the internal termination resistors may result.
(7)
The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 6-2 using the Micromirror Array Temperature Calculation.
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com