Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 41 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 41 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 37Page - Texas Instruments DLP391TPFSB Datasheet HTML 38Page - Texas Instruments DLP391TPFSB Datasheet HTML 39Page - Texas Instruments DLP391TPFSB Datasheet HTML 40Page - Texas Instruments DLP391TPFSB Datasheet HTML 41Page - Texas Instruments DLP391TPFSB Datasheet HTML 42Page - Texas Instruments DLP391TPFSB Datasheet HTML 43Page - Texas Instruments DLP391TPFSB Datasheet HTML 44Page - Texas Instruments DLP391TPFSB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
SECTION A-A
NOTCH OFFSETS
SCALE 25 : 1
(ROTATED 90°)
DETAIL B
V-NOTCH
SCALE 32 : 1
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2519203
1
TITLE
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
ENGINEER
QA/CE
CM
APPROVED
DRAWN
INSTRUMENTS
Dallas Texas
APPLICATION
NEXT ASSY
USED ON
THIRD ANGLE
PROJECTION
TEXAS
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES:
ANGLES
1
2 PLACE DECIMALS
0.25
1 PLACE DECIMALS
0.50
DIMENSIONAL LIMITS APPLY BEFORE PROCESSES
INTERPRET DIMENSIONS IN ACCORDANCE WITH ASME
Y14.5M-1994
REMOVE ALL BURRS AND SHARP EDGES
PARENTHETICAL INFORMATION FOR REFERENCE ONLY
ICD, MECHANICAL, DMD,
.39 4K SERIES 323
(FSB PACKAGE)
2519203
1
5
A
D
6/19/2024
16:1
P. KONRAD
J. McKINLEY
M. GARCIA
6/20/2024
6/24/2024
6/26/2024
6/19/2024
0314DA
B. HASKETT
NOTES UNLESS OTHERWISE SPECIFIED:
REVISIONS
COPYRIGHT 2024 TEXAS INSTRUMENTS
UN-PUBLISHED, ALL RIGHTS RESERVED.
C
B. HASKETT
A
A
H
H
REV
DESCRIPTION
DATE
BY
A
ECO 2209009: INITIAL RELEASE
6/19/2024
BMH
3 SURFACES INDICATED
IN VIEW B (SHEET 2)
DIE PARALLELISM TOLERANCE APPLIES TO DMD ACTIVE ARRAY ONLY.
ROTATION ANGLE OF DMD ACTIVE ARRAY IS A REFINEMENT OF THE LOCATION
TOLERANCE AND HAS A MAXIMUM ALLOWED VALUE OF 0.6 DEGREES.
BOUNDARY MIRRORS SURROUNDING THE DMD ACTIVE ARRAY.
NOTCH DIMENSIONS ARE DEFINED BY SECOND LAYER OF CERAMIC, AS
SHOWN IN SECTION A-A.
ENCAPSULANT TO BE CONTAINED WITHIN DIMENSIONS SHOWN IN VIEW D
(SHEET 3). NO ENCAPSULANT IS ALLOWED ON TOP OF THE WINDOW.
ENCAPSULANT NOT TO EXCEED THE HEIGHT OF THE WINDOW.
SEE DETAIL B FOR "V-NOTCH" DIMENSIONS.
WHILE ONLY THE THREE DATUM A TARGET AREAS A1, A2, AND A3 ARE USED
FOR MEASUREMENT, ALL 4 CORNERS SHOULD BE CONTACTED, INCLUDING
E1, TO SUPPORT MECHANICAL LOADS.
SHORTING TEST PADS AND SYMBOLIZATION PAD TO EACH OTHER AND/OR
TO VSS IS ACCEPTABLE.
1
4
3
2
7
6
5
8
(ILLUMINATION
DIRECTION)
(SHEET 3)
(SHEET 3)
4
4
4
4
4
4
4
5
8
1
4
4
7
4
8
6
(OFF-STATE
DIRECTION)
2.5
B
3.55 - 0.1
0.2
+
2X
(18.35)
(9.6)
(2.5)
0.7
0.05
0.28
0.1
1.007
0.077
ACTIVE ARRAY
0.042 A
 0.02D
(1.287)
9
(1)
D
FRONT SIDE
INDEX MARK
4
4
(0.8)
DATUM B-C
REFERENCE LINE
4
2.5
0.075
2X
1.25
C
(R0.2)
4X
17.726
0.1
18.726 - 0.15
0.25
+
4.8 - 0.1
0.2
+
4.8 - 0.1
0.2
+
0.376 - 0.2
0.1
+
0.4
R
0.1
2X
1.925
0.1
2X ENCAPSULANT
45°
1°
45°
1°
(2.5)
(1.1)
1.176
0.05
R0.4
2X
±0.1
4
0 MIN TYP
0.2 MIN TYP
(0.25)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com