Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 26 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 22Page - Texas Instruments DLP391TPFSB Datasheet HTML 23Page - Texas Instruments DLP391TPFSB Datasheet HTML 24Page - Texas Instruments DLP391TPFSB Datasheet HTML 25Page - Texas Instruments DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
• ILLVIS = VIS illumination power density on the DMD (W/cm2)
• ILLIR = IR illumination power density on the DMD (mW/cm2)
• ILLBLU = BLU illumination power density on the DMD (W/cm2)
• ILLBLU1 = BLU1 illumination power density on the DMD (W/cm2)
• AILL = illumination area on the DMD (cm2)
• QINCIDENT = total incident optical power on DMD (W) (measured)
• AARRAY = area of the array (cm 2) (data sheet)
• OVILL = percent of total illumination on the DMD outside the array (%) (optical model)
• OPUV-RATIO = ratio of the optical power for wavelengths <410nm to the total optical power in the illumination
spectrum (spectral measurement)
• OPVIS-RATIO = ratio of the optical power for wavelengths ≥410nm and ≤800nm to the total optical power in the
illumination spectrum (spectral measurement)
• OPIR-RATIO = ratio of the optical power for wavelengths >800nm to the total optical power in the illumination
spectrum (spectral measurement)
• OPBLU-RATIO = ratio of the optical power for wavelengths ≥410nm and ≤475nm to the total optical power in the
illumination spectrum (spectral measurement)
• OPBLU1-RATIO = ratio of the optical power for wavelengths ≥410nm and ≤445nm to the total optical power in
the illumination spectrum (spectral measurement)
The illumination area varies and depends on the illumination overfill. The total illumination area on the DMD is
the array area and the overfill area around the array. The optical model is used to determine the percent of the
total illumination on the DMD that is outside the array (OVILL) and the percent of the total illumination that is on
the active array. From these values, the illumination area (AILL) is calculated. The illumination is assumed to be
uniform across the entire array.
From the measured illumination spectrum, the ratio of the optical power in the wavelength bands of interest to
the total optical power is calculated.
Sample calculation:
QINCIDENT = 12.1W (measured)
AARRAY = ((8.7072mm × 4.9184mm) ÷ 100mm2/cm2) = 0.4283cm2 (data sheet)
OVILL = 16.3% (optical model)
OPUV-RATIO = 0.00021 (spectral measurement)
OPVIS-RATIO = 0.99977 (spectral measurement)
OPIR-RATIO = 0.00002 (spectral measurement)
OPBLU-RATIO = 0.28100 (spectral measurement)
OPBLU1-RATIO = 0.03200 (spectral measurement)
AILL = 0.4283cm2 ÷ (1 - 0.163) = 0.5117cm2
ILLUV = [0.00021 × 12.1W] × 1000 ÷ 0.5117cm2 = 4.966mW/cm2
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com