Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 24 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 20Page - Texas Instruments DLP391TPFSB Datasheet HTML 21Page - Texas Instruments DLP391TPFSB Datasheet HTML 22Page - Texas Instruments DLP391TPFSB Datasheet HTML 23Page - Texas Instruments DLP391TPFSB Datasheet HTML 24Page - Texas Instruments DLP391TPFSB Datasheet HTML 25Page - Texas Instruments DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
6.5.3 Illumination Overfill
The active area of the device is surrounded by an aperture on the inside DMD window surface that masks
structures of the DMD chip assembly from normal view and is sized to anticipate several optical operating
conditions. Overfill light illuminating the window aperture can create artifacts from the edge of the window
aperture opening and other surface anomalies that may be visible on the screen. The illumination optical system
should be designed to limit light flux incident anywhere on the window aperture from exceeding approximately
10% of the average flux level in the active area. Depending on the particular system optical architecture, the
overfill light on the window aperture may have to be further reduced below the suggested maximum 10% level in
order to be acceptable.
6.6 Micromirror Array Temperature Calculation
TP1
TP1
10.00
2.00
Array
Figure 6-2. DMD Thermal Test Points
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com