Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 27 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 23Page - Texas Instruments DLP391TPFSB Datasheet HTML 24Page - Texas Instruments DLP391TPFSB Datasheet HTML 25Page - Texas Instruments DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
ILLVIS = [0.99977 × 12.1W] ÷ 0.5117cm2 = 23.64W/cm2
ILLIR = [0.00002 × 12.1W] × 1000 ÷ 0.5117cm2 = 0.473mW/cm2
ILLBLU = [0.28100 × 12.1W] ÷ 0.5117cm2 = 6.64W/cm2
ILLBLU1 = [0.03200 × 12.1W] ÷ 0.5117cm2 = 0.757W/cm2
6.8 Window Aperture Illumination Overfill Calculation
The amount of optical overfill on the critical area of the window aperture cannot be measured directly. For
systems with uniform illumination on the array, the amount is determined using the total measured incident
optical power on the DMD, and the ratio of the total optical power on the DMD that is on the defined critical area.
The optical model is used to determine the percentage of optical power on the window aperture critical area and
estimate the size of the area.
• QAP-ILL = [QINCIDENT × OPAP_ILL_RATIO] ÷ AAP_ILL (W/cm2)
where:
• QAP-ILL = window aperture illumination overfill (W/cm2)
• QINCIDENT = total incident optical power on the DMD (Watts) (measured)
• OPAP_ILL_RATIO = ratio of the optical power on the critical area of the window aperture to the total optical
power on the DMD (optical model)
• AAP-ILL = size of the window aperture critical area (cm2) (data sheet)
• OPCA_RATIO = percent of the window aperture critical area with incident optical power (%) (optical model)
Sample calculation:
Array
0.5 mm
Window
Aperture
Window Aperture
Window
Window
Window Aperture
Critical Area
Illumination on Aperture Critical Area
(estimated to cover 25% of critical area)
Illumination Profile
Figure 6-3. Window Aperture Overfill Example
See the above figure for the length of the critical aperture.
QINCIDENT = 12.1W (measured)
(6)
OPAP_ILL_RATIO = 0.312% (optical model)
(7)
OVCA_RATIO = 25% (optical model)
(8)
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com