Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 8 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 4Page - Texas Instruments DLP391TPFSB Datasheet HTML 5Page - Texas Instruments DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments DLP391TPFSB Datasheet HTML 10Page - Texas Instruments DLP391TPFSB Datasheet HTML 11Page - Texas Instruments DLP391TPFSB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
5.4 Recommended Operating Conditions
Over operating free-air temperature range and supply voltages (unless otherwise noted). The functional performance of the
device specified in this data sheet is achieved when operating the device within the limits defined by the Recommended
Operating Conditions. No level of performance is implied when operating the device above or below the Recommended
Operating Conditions limits.
PARAMETER
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE RANGE
VDD
Supply voltage for LVCMOS core logic Supply voltage for LPSDR
low-speed interface (1) (2)
1.71
1.8
1.95
V
VDDI
Supply voltage for SubLVDS receivers (1) (2)
1.71
1.8
1.95
V
VOFFSET
Supply voltage for HVCMOS and micromirror electrode (1) (2) (3)
9.5
10
10.5
V
VBIAS
Supply voltage for mirror electrode (1) (2)
17.5
18
18.5
V
VRESET
Supply voltage for micromirror electrode (1) (2)
–14.5
–14
–13.5
V
| VDDI - VDD |
Supply voltage delta (absolute value) (1) (2) (4)
0.3
V
| VBIAS-VOFFSET |
Supply voltage delta (absolute value) (1) (2) (5)
10.5
V
| VBIAS - VRESET |
Supply voltage delta (absolute value) (1) (2) (6)
33
V
LPSDR INTERFACE
VIH
High-level input voltage
0.7 × VDD
V
VIL
Low-level input voltage
0.3 x VDD
V
VIH (AC)
AC input high voltage
0.8 × VDD
VDD + 0.3
V
VIL (AC)
AC input low voltage
–0.3
0.2 × VDD
V
VHyst
Input Hysteresis
0.1 × VDD
0.4 × VDD
V
fmax_LS
Clock frequency for low speed interface LS_CLK (7)
108
130
MHz
DCDIN
LSIF duty cycle distortion (LS_CLK) (7)
44
56
%
SUBLVDS INTERFACE
fmax_HS
Clock frequency for high-speed interface DCLK (8)
720
MHz
DCDIN
LVDS duty cycle distortion (DCLK)
48
52
%
| VID |
LVDS differential input voltage magnitude (8)
150
250
350
mV
VCM
Common mode voltage (8)
700
900
1100
mV
VSUBLVDS
SubLVDS voltage (8)
525
1275
mV
ZIN
Internal differential termination resistance
80
100
120
Ω
TEMPERATURE DIODE
ITEMP_DIODE
Max current source into Temperature Diode
120
µA
ENVIRONMENTAL
TARRAY
Array temperature, long-term operation (9) (10) (11) (12)
0
40 to 70
°C
TDP-AVG
Average dew point temperature, (non-condensing)(13)
28
°C
TDP-ELR
Elevated dew point temperature range, (non-condensing)(14)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
24 months
QAP-ILL
Window aperture illumination overfill (15) (16) (17)
17 W/cm2
ILLUMINATION
ILLUV
Illumination power at wavelengths < 410nm (9) (19)
10 mW/cm2
ILLVIS
Illumination power at wavelengths ≥ 410nm and ≤ 800nm (18) (19)
40 W/cm2
ILLIR
Illumination power at wavelengths > 800nm (19)
10 mW/cm2
ILLBLU
Illumination power at wavelengths ≥ 410nm and ≤ 475nm (18) (19)
12.8 W/cm2
ILLBLU1
Illumination power at wavelengths ≥ 410nm and ≤ 440nm (18) (19)
2.0 W/cm2
(1)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, and VRESET. All VSS connections are
also required.
(2)
All voltage values are with respect to the ground pins (VSS).
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com