Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 33 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments DLP391TPFSB Datasheet HTML 32Page - Texas Instruments DLP391TPFSB Datasheet HTML 33Page - Texas Instruments DLP391TPFSB Datasheet HTML 34Page - Texas Instruments DLP391TPFSB Datasheet HTML 35Page - Texas Instruments DLP391TPFSB Datasheet HTML 36Page - Texas Instruments DLP391TPFSB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
8 Power Supply Recommendations
The following power supplies are all required to operate the DMD:
• VSS
• VBIAS
• VDD
• VDDA
• VOFFSET
• VRESET
DMD power-up and power-down sequencing is strictly controlled by the DLP display controller.
CAUTION
For reliable operation of the DMD, the following power supply sequencing requirements must be
followed. Failure to adhere to any of the prescribed power-up and power-down requirements may
affect device reliability. See the DMD power supply sequencing requirements in Figure 8-1.
VBIAS, VDD, VDDA, VOFFSET, and VRESET power supplies must be coordinated during power-up and
power-down operations. Failure to meet any of the below requirements results in a significant
reduction in the DMD reliability and lifetime. Common ground VSS must also be connected.
Table 8-1. DMD Power Supply Sequence Requirements
SYMBOL
PARAMETER
DESCRIPTION
MIN
TYP
MAX UNIT
tDELAY1 (1)
Power up delay requirement
from VOFFSET settled at recommended operating
voltage to VBIAS and VRESET power up
2
ms
tDELAY2 (1)
Power down delay requirement
Delay VDD must be held high from VOFFSET, VBIAS
and VRESET powering down.
50
us
VOFFSET
Supply voltage level
at beginning of power-up sequence delay
6
V
VBIAS
Supply voltage level
at end of power-up sequence delay
6
V
(1)
See Figure 8-1.
8.1 DMD Power Supply Power-Up Procedure
• During power-up, VDD and VDDA must always start and settle before VOFFSET plus Delay1, VBIAS, and VRESET
voltages are applied to the DMD.
• During power-up, it is a strict requirement that the voltage difference between VBIAS and VOFFSET must be
within the specified limit shown in the Section 5.4.
• During power-up, there is no requirement for the relative timing of VRESET with respect to VBIAS.
• Power supply slew rates during power-up are flexible, provided that the transient voltage levels follow the
requirements specified in Section 5.1, Section 5.4, and in Figure 8-1.
• During power-up, LVCMOS input pins must not be driven high until after VDD have settled at the operating
voltages listed in Recommended Operating Conditions.
8.2 DMD Power Supply Power-Down Procedure
• During power-down, VDD and VDDA must be supplied until after VBIAS, VRESET, and VOFFSET are discharged to
within the specified limit of ground.
• During power-down, it is a strict requirement that the voltage difference between VBIAS and VOFFSET must be
within the specified limit shown in Section 5.4.
• During power-down, there is no requirement for the relative timing of VRESET with respect to VBIAS.
• Power supply slew rates during power-down are flexible, provided that the transient voltage levels follow the
requirements specified in the Section 5.1, Section 5.4, and Figure 8-1.
• During power-down, LVCMOS input pins must be less than specified in the Section 5.4.
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com