Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 5 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 5 Page - Texas Instruments

  DLP391TPFSB Datasheet HTML 1Page - Texas Instruments DLP391TPFSB Datasheet HTML 2Page - Texas Instruments DLP391TPFSB Datasheet HTML 3Page - Texas Instruments DLP391TPFSB Datasheet HTML 4Page - Texas Instruments DLP391TPFSB Datasheet HTML 5Page - Texas Instruments DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Table 4-1. Pin Functions (continued)
PIN (2)
TYPE(1)
DESCRIPTION
TERMINATION
TRACE
LENGTH
(mm)
NAME
PAD ID
D_DP(7)
K22
I
High-Speed Differential Data Pair lane D7
Differential 100Ω
1.406
D_DN(7)
K21
I
High-Speed Differential Data Pair lane D7
Differential 100Ω
1.881
DCLK_DP
K19
I
High-Speed Differential Clock D
Differential 100Ω
3.916
DCLK_DN
K18
I
High-Speed Differential Clock D
Differential 100Ω
4.022
TEMP_N
M2
I
Temp Diode N
1.133
TEMP_P
M1
I
Temp Diode P
1.237
LS_RDATA_D
B7
O
LPSDR Output
4.978
LS_RDATA_C
A4
O
LPSDR Output
2.897
LS_WDATA
B5
I
LPSDR Input
2.524
LS_RDATA_B
A7
O
LPSDR Output
5.103
LS_RDATA_A
A3
O
LPSDR Output
1.725
LS_CLK
A5
I
LPSDR Input
2.454
DMD_DEN_ARSTZ
D1
I
ARSTZ
17.5kΩ pulldown
0.735
VDD
A6, A8, A10,
A12, A14,
A16, A18, B4,
B11, B13,
B15, B19,
B21, C21,
D22, E21, G4,
J1, J4, J6, L2,
M15
P
Digital Core Supply Voltage
8.350
VBIAS
A20, B6
P
Supply Voltage for Positive Bias of Micromirror
reset signal
7.409
VRESET
B8, B17
P
Supply Voltage for Negative Bias of
Micromirror reset signal
3.374
VOFFSET
B9, M16
P
Supply voltage for HVCMOS logic,stepped up
logic level
1.797
VDDI
C22, E4, F2,
G20, J2,L22
P
19.977
VSS
A9, A11, A13,
A15, A17,
A19, B3, B10,
B12, B14,
B16, B18,
B20, C1, C6,
D4, D19, E22,
F3, F6, G19,
H4, H19, H22,
J3, J5, J20,
K2, K20, L3,
L6, L18, L21,
M9
G
Ground
12.614
N/C
A21, C23,
K23, L23,
M23
NC
No Connect Pin
N/A
(1)
I=Input, O=Output, P=Power, G=Ground, NC=No Connect
(2)
Only 151 pins are electrically connected for functional use.
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com