Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 25 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 21Page - Texas Instruments DLP391TPFSB Datasheet HTML 22Page - Texas Instruments DLP391TPFSB Datasheet HTML 23Page - Texas Instruments DLP391TPFSB Datasheet HTML 24Page - Texas Instruments DLP391TPFSB Datasheet HTML 25Page - Texas Instruments DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Micromirror array temperature cannot be measured directly, therefore, it must be computed analytically from
measurement points on the outside of the package, the package thermal resistance, the electrical power, and
the illumination heat load. The relationship between array temperature and the reference ceramic temperature
(thermal test TP1 in Figure 6-2) is provided by the following equations:
TARRAY = TCERAMIC + (QARRAY × RARRAY-TO-CERAMIC)
QARRAY = QELECTRICAL + QILLUMINATION
where
• TARRAY = Computed array temperature (°C)
• TCERAMIC = Measured ceramic temperature (°C) (TP1 location)
• RARRAY-TO-CERAMIC = Thermal resistance of the package specified in Section 5.5 from array to ceramic TP1
(°C/Watt)
• QARRAY = Total (electrical + absorbed) DMD power on the array (Watts)
• QELECTRICAL = Nominal electrical power (Watts)
• QINCIDENT = Incident illumination optical power (Watts)
• DMD average thermal absorptivity = 0.54
• QILLUMINATION = (DMD average thermal absorptivity × QINCIDENT) (Watts)
The electrical power dissipation of the DMD is variable and depends on the voltages, data rates, and operating
frequencies. A nominal electrical power dissipation to use when calculating array temperature is 0.5W. The
absorbed power from the illumination source is variable and depends on the operating state of the micromirrors
and the intensity of the light source. The equations shown above are valid for a single-chip or multichip DMD
system. It assumes an illumination distribution of 83.7% on the active array and 16.3% on the active array
border.
The sample calculation for a typical projection application is as follows:
QINCIDENT = 12.1W (measured)
(1)
TCERAMIC = 53.0°C (measured)
(2)
QELECTRICAL = 0.5W
(3)
QARRAY = 0.5W + (0.54 × 12.1W) = 7.034W
(4)
TARRAY = 53.0°C + (7.034W × 2.3°C/W) = 69.2°C
(5)
6.7 Micromirror Power Density Calculation
The calculation of the optical power density of the illumination on the DMD in the different wavelength bands
uses the total measured optical power on the DMD, percent illumination overfill, area of the active array, and
ratio of the spectrum in the wavelength band of interest to the total spectral optical power.
• ILLUV = [OPUV-RATIO × QINCIDENT] × 1000mW/W ÷ AILL (mW/cm2)
• ILLVIS = [OPVIS-RATIO × QINCIDENT] ÷ AILL (W/cm2)
• ILLIR = [OPIR-RATIO × QINCIDENT] × 1000mW/W ÷ AILL (mW/cm2)
• ILLBLU = [OPBLU-RATIO × QINCIDENT] ÷ AILL (W/cm2)
• ILLBLU1 = [OPBLU1-RATIO × QINCIDENT] ÷ AILL (W/cm2)
• AILL = AARRAY ÷ (1 - OVILL) (cm2)
where:
• ILLUV = UV illumination power density on the DMD (mW/cm2)
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com