Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 9 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 5Page - Texas Instruments DLP391TPFSB Datasheet HTML 6Page - Texas Instruments DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments DLP391TPFSB Datasheet HTML 10Page - Texas Instruments DLP391TPFSB Datasheet HTML 11Page - Texas Instruments DLP391TPFSB Datasheet HTML 12Page - Texas Instruments DLP391TPFSB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
(3)
VOFFSET supply transients must fall within the specified max voltages.
(4)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than the specified limit.
(5)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than the specified limit.
(6)
To prevent excess current, the supply voltage delta |VBIAS – VRESET| must be less than the specified limit.
(7)
LS_CLK must run as specified to ensure internal DMD timing for reset waveform commands.
(8)
Refer to the SubLVDS timing requirements in Timing Requirements.
(9)
Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination
reduces device lifetime.
(10) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point
(TP1) shown in Figure 6-2 and the package thermal resistance using the Micromirror Array Temperature Calculation
(11) Long-term is defined as the usable life of the device.
(12) Per Figure 5-1, the maximum operational array temperature is derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. See Micromirror Landed-on/Landed-off Duty cycle for a definition of micromirror landed duty cycle.
(13) The average over time (including storage and operating) is that the device is not in the elevated dew point temperature range.
(14) Exposure to dew point temperatures in the elevated range during storage and operation is limited to less than a total cumulative time of
CTELR.
(15) Applies to the region defined in Figure 5-2
(16) The active area of the DMD is surrounded by an aperture on the inside of the DMD window surface that masks structures of the
DMD device assembly for normal view. The aperture is sized to anticipate several optical conditions. Overfill light illuminating the area
outside the active array can scatter and create adverse effects on the performance of an end application using the DMD. Minimizing
the light flux incident outside the active array is a design requirement of the illumination optical system. Depending on the particular
optical architecture and assembly tolerances of the optical system, the amount of overfill light on the outside of the active array may
cause system performance degradation.
(17) To calculate, see Window Aperture Illumination Overfill Calculation.
(18) The maximum allowable optical power incident on the DMD is limited by the maximum optical power density for each wavelength
range specified and the micromirror array temperature (TARRAY).
(19) To calculate, see Micromirror Power Density Calculation.
0/100
100/0
30
5/95
95/5
40
50
60
70
80
10/90
90/10
15/85
85/15
20/80
80/20
25/75
75/25
30/70
70/30
35/65
65/35
40/60
60/40
45/55
55/45
50/50
50/50
Micromirror Landed Duty Cycle
Figure 5-1. Maximum Recommended Array Temperature—Derating Curve
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com