Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 32 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments DLP391TPFSB Datasheet HTML 32Page - Texas Instruments DLP391TPFSB Datasheet HTML 33Page - Texas Instruments DLP391TPFSB Datasheet HTML 34Page - Texas Instruments DLP391TPFSB Datasheet HTML 35Page - Texas Instruments DLP391TPFSB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
7.2.1 Design Requirements
Other core components of the display system include an illumination source, an optical engine for the
illumination and projection optics, other electrical and mechanical components, and software. The type of
illumination used and the desired brightness have a major effect on the overall system design and size.
The display system uses the DLP391TP as the core imaging device and contains a 0.39" array of micromirrors.
The DLPC8445V controller is the digital interface between the DMD and the rest of the system, taking digital
input from the front-end receiver and driving the DMD over a high-speed interface. The DLPA3085 / DLPA3082
PMIC serves as a voltage regulator for the DMD, controller, and LED illumination functionality.
7.2.2 Detailed Design Procedure
For a complete DLP system, an optical module or light engine is required that contains the DLP391TP DMD,
associated illumination sources, optical elements, and necessary mechanical components.
For reliable operation, use the DMD with the DLPC8445V display controller and the DLPA3085 / DLPA3082
PMIC driver.
7.2.3 Application Curve
The typical LED-current-to-luminance relationship when LED illumination is used is shown in Figure 7-2.
LED CURRENT (A)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
Figure 7-2. Luminance vs Current
7.3 Temperature Sensor Diode
The software application provides functions to configure the TMP411 to read the DLP391TP DMD temperature
sensor diode. Use this data to incorporate additional functionality in the overall system design, such as adjusting
illumination, fan speeds, and so on. All communication between the TMP411 and the DLPC8445V controller is
completed using the I2C interface. The TMP411 connects to the DMD through the pins outlined in Section 4.
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com