Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 12 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments DLP391TPFSB Datasheet HTML 10Page - Texas Instruments DLP391TPFSB Datasheet HTML 11Page - Texas Instruments DLP391TPFSB Datasheet HTML 12Page - Texas Instruments DLP391TPFSB Datasheet HTML 13Page - Texas Instruments DLP391TPFSB Datasheet HTML 14Page - Texas Instruments DLP391TPFSB Datasheet HTML 15Page - Texas Instruments DLP391TPFSB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
5.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted) (1)
PARAMETER (6)
TEST CONDITIONS (2)
MIN
TYP
MAX UNIT
CURRENT
IDD
Supply current: VDD (3) (4)
Typical
140
mA
IDDI
Supply current: VDDI (3) (4)
Typical
45
mA
IOFFSET
Supply current: VOFFSET (5)
Typical
6
mA
IBIAS
Supply current: VBIAS (5)
Typical
0.6
mA
IRESET
Supply current: VRESET
Typical
1.8
mA
POWER
PDD
Supply power dissipation: VDD (3) (4)
Typical
252
mW
PDDI
Supply power dissipation: VDDI (3) (4)
Typical
81
mW
POFFSET
Supply power dissipation: VOFFSET (5)
Typical
60
mW
PBIAS
Supply power dissipation: VBIAS (5)
Typical
1.08
mW
PRESET
Supply power dissipation: VRESET
Typical
25.2
mW
PTOTAL
Supply power dissipation Total
Typical
419.28
mW
LPSDR INPUT
IIL
Low level input current
VDD = 1.95V, VI = 0V
-100
nA
IIH
High level input current
VDD = 1.95V, VI = 1.95V
135
uA
LPSDR OUTPUT
VOH
DC output high voltage (7) (8) (9)
IOH = -2mA
0.8 x VDD
V
VOL
DC output low voltage (7) (8) (9)
IOL = 2mA
0.2 x VDD
V
CAPACITANCE
CIN
Input capacitance LVCMOS
F = 1MHz
10
pF
CIN
Input capacitance SubLVDS
F = 1MHz
20
pF
COUT
Output capacitance
F = 1MHz
10
pF
CTEMP
Temperature sense diode capacitance
F = 1MHz
20
pF
(1)
Device electrical characteristics are over Section 5.4 unless otherwise noted.
(2)
All voltage values are with respect to the ground pins (VSS).
(3)
To prevent excess current, the supply voltage delta | VDDI – VDD | must be less than the specified limit.
(4)
Supply power dissipation based on non–compressed commands and data.
(5)
To prevent excess current, the supply voltage delta | VBIAS – VOFFSET | must be less than the specified limit.
(6)
All power supply connections are required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, VRESET. All VSS connections are also
required.
(7)
LPSDR specifications are for pins LS_CLK and LS_WDATA.
(8)
Low-speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in JEDEC
Standard No. 209-2F, Low-Power Double Data Rate (LPDDR) JESD209-2F.
(9)
LPSDR output specification is for pins LS_RDATA_A, LS_RDATA_B, LS_RDATA_C, LS_RDATA_D.
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com