Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 34 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments DLP391TPFSB Datasheet HTML 32Page - Texas Instruments DLP391TPFSB Datasheet HTML 33Page - Texas Instruments DLP391TPFSB Datasheet HTML 34Page - Texas Instruments DLP391TPFSB Datasheet HTML 35Page - Texas Instruments DLP391TPFSB Datasheet HTML 36Page - Texas Instruments DLP391TPFSB Datasheet HTML 37Page - Texas Instruments DLP391TPFSB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
VDD and VDDA
VOFFSET
VRESET
DMD_EN_ARSTZ
VBIAS
Note F
Note A
Note D
tDELAY1
Note B
ûV < Specification
Note C
ûV < Specification
VSS
VSS
VSS
VSS
VSS
Note H
Note I
tDELAY3
Note G
...
...
...
...
...
Time
Note E
tDELAY2
A.
See Section 4 for the Pin Functions Table.
B.
To prevent excess current, the supply voltage difference |VOFFSET – VBIAS| must be less than the specified limit in the Section 5.4.
C.
To prevent excess current, the supply difference |VBIAS – VRESET| must be less than the specified limit in Section 5.4.
D.
VBIAS should power up after VOFFSET has powered up, per the Delay1 specification.
E.
DLP controller software initiates the global VBIAS command.
F.
After the DMD micromirror park sequence is complete, the DLP controller software initiates a hardware power-down that activates
DMD_EN_ARSTZ and disables VBIAS, VRESET, and VOFFSET.
G.
Under power-loss conditions where emergency DMD micromirror park procedures are being enacted by the DLP controller hardware,
DMD_EN_ARSTZ will go low.
H.
VDD must remain high until after VOFFSET, VBIAS, VRESET go low, per Delay2 specification.
I.
To prevent excess current, the supply voltage delta |VDDA – VDD| must be less than the specified limit in Section 5.4.
Figure 8-1. DMD Power Supply Requirements
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com