Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 28 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 24Page - Texas Instruments DLP391TPFSB Datasheet HTML 25Page - Texas Instruments DLP391TPFSB Datasheet HTML 26Page - Texas Instruments DLP391TPFSB Datasheet HTML 27Page - Texas Instruments DLP391TPFSB Datasheet HTML 28Page - Texas Instruments DLP391TPFSB Datasheet HTML 29Page - Texas Instruments DLP391TPFSB Datasheet HTML 30Page - Texas Instruments DLP391TPFSB Datasheet HTML 31Page - Texas Instruments DLP391TPFSB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Length of the window aperture for critical area = 0.9802cm (data sheet)
(9)
Width of critical area = 0.050 cm (data sheet)
(10)
AAP-ILL = 0.9802cm × 0.050 cm = 0.04901cm2
(11)
QAP-ILL = (12.1W × 0.00312) ÷ (0.04901cm2 × 0.25) = 3.08W/cm2 (W/cm2)
(12)
6.9 Micromirror Landed-On/Landed-Off Duty Cycle
6.9.1 Definition of Micromirror Landed-On/Landed-Off Duty Cycle
The micromirror landed-on/landed-off duty cycle (landed duty cycle) denotes the percentage of time that an
individual micromirror is landed in the ON state versus the amount of time the same micromirror is landed in the
OFF state.
For example, a landed duty cycle of 100/0 indicates that the referenced pixel is in the ON state 100% of the time
(and in the OFF state 0% of the time); whereas 0/100 would indicate that the pixel is in the OFF state 100% of
the time. Likewise, 50/50 indicates that the pixel is ON for 50% of the time (and OFF for 50% of the time).
Note that when assessing the landed duty cycle, the time spent switching from one state (ON or OFF) to the
other state (OFF or ON) is considered negligible and is thus ignored.
Because a micromirror can only be landed in one state or the other (ON or OFF), the two numbers (percentages)
always add to 100.
6.9.2 Landed Duty Cycle and Useful Life of the DMD
Knowing the long-term average landed duty cycle (of the end product or application) is important because
subjecting all (or a portion) of the DMD micromirror array (also called the active array) to an asymmetric landed
duty cycle for a prolonged period of time can reduce the DMD useful life.
Note that it is the symmetry/asymmetry of the landed duty cycle that is of relevance. The symmetry of the
landed duty cycle is determined by how close the two numbers (percentages) are to being equal. For example,
a landed duty cycle of 50/50 is perfectly symmetrical, whereas a landed duty cycle of 100/0 or 0/100 is perfectly
asymmetrical.
6.9.3 Landed Duty Cycle and Operational DMD Temperature
Operational DMD temperature and landed duty cycle interact to affect DMD useful life, and this interaction can
be exploited to reduce the impact that an asymmetrical landed duty cycle has on the DMD's useful life. This is
quantified in the derating curve shown in the Recommended Operating Conditions. The importance of this curve
is that:
• All points along this curve represent the same useful life.
• All points above this curve represent a lower useful life (and the further away from the curve, the lower the
useful life).
• All points below this curve represent a higher useful life (and the further away from the curve, the higher the
useful life).
This curve specifies the maximum operating DMD temperature that the DMD should be operated at for a given
long-term average landed duty cycle.
6.9.4 Estimating the Long-Term Average Landed Duty Cycle of a Product or Application
During a given period of time, the landed duty cycle of a given pixel follows from the image content being
displayed by that pixel.
For example, in the simplest case, when displaying pure-white on a given pixel for a given time period, that pixel
operates under a 100/0 landed duty cycle during that time period. Likewise, when displaying pure-black, the pixel
operates under a 0/100 landed duty cycle.
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com