Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP391TPFSB Datasheet(PDF) 11 Page - Texas Instruments

Part # DLP391TPFSB
Description  DLP391TP 0.39-Inch 4K UHD Digital Micromirror Device
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP391TPFSB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLP391TPFSB Datasheet HTML 7Page - Texas Instruments DLP391TPFSB Datasheet HTML 8Page - Texas Instruments DLP391TPFSB Datasheet HTML 9Page - Texas Instruments DLP391TPFSB Datasheet HTML 10Page - Texas Instruments DLP391TPFSB Datasheet HTML 11Page - Texas Instruments DLP391TPFSB Datasheet HTML 12Page - Texas Instruments DLP391TPFSB Datasheet HTML 13Page - Texas Instruments DLP391TPFSB Datasheet HTML 14Page - Texas Instruments DLP391TPFSB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
5.5 Thermal Information
THERMAL METRIC
DLP391TP
UNIT
FSB
154 PIN
THERMAL INFORMATION
Thermal Resistance(1)
2.3
°C/W
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the DMD within the temperature range specified in the Recommended Operating Conditions. The total heat load on the
DMD is largely driven by the incident light absorbed by the active area; although other contributions include light energy absorbed by
the window aperture and electrical power dissipation of the array. Optical systems should be designed to minimize the light energy
falling outside the window clear aperture since any additional thermal load in this area can significantly degrade the reliability of the
device.
www.ti.com
DLP391TP
DLPS289A – JUNE 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DLP391TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com