Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 9Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 10Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 11Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 12Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 13Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 14Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 15Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 16Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
6.
2Pinout
Figure 5: Ball assignment (top view, ball down)
Table 14: Pinout
Name
Type1
Ball No.
Description
CLK
I
M6
Clock:
Each cycle directs a 1-bit transfer on the command and DAT
lines.
CMD
I/O/PP/OD
M5
Command:
A bidirectional channel used for device initialization and
command transfer. Command has two operating modes:
1)
Open-drain for initialization.
2)
Push-pull for fast command transfer.
DAT0
I/O/PP
A3
Data I/O0: Bidirectional channel used for data transfer.
DAT1
I/O/PP
A4
Data I/O1: Bidirectional channel used for data transfer.
DAT2
I/O/PP
A5
Data I/O2: Bidirectional channel used for data transfer.
DAT3
I/O/PP
B2
Data I/O3: Bidirectional channel used for data transfer.
DAT4
I/O/PP
B3
Data I/O4: Bidirectional channel used for data transfer.
DAT5
I/O/PP
B4
Data I/O5: Bidirectional channel used for data transfer.
DAT6
I/O/PP
B5
Data I/O6: Bidirectional channel used for data transfer.
DAT7
I/O/PP
B6
Data I/O7: Bidirectional channel used for data transfer.
RST_n
I
K5
Reset signal pin
VCC
S
E6, F5, J10, K9
VCC: Flash memory I/F and Flash memory power supply.
VCCQ
S
C6, M4, N4, P3, P5
VCCQ : Memory controller core and MMC interface I/O power
supply.
VSS
S
A6, E7, G5, H10, J5, K8
VSS: Flash memory I/F and Flash memory ground connection.
VSSQ
S
C4, N2, N5, P4, P6
VSSQ: Memory controller core and MMC I/F ground
connection.
VDDi
C2
VDDi : Connect capacitor Creg from VDDi to GND.
DS
O/PP
H5
Data Strobe: Newly assigned pin for HS400 mode.
NC
Not connected
1.
I: input; O: output; PP: push-pull; OD: open-drain; NC: Not connected; S: power supply.
Confidential
-13
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com