Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC Datasheet(PDF) 22 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 22 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 18Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 19Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 20Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 21Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 22Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 23Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 24Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 25Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 26Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Bus Signal Line Load
The total capacitance CL of each line of the eMMC bus is the sum of the bus master capacitance CHOST, the bus
capacitance CBUS itself and the capacitance CDEVICE of eMMC connected to this line:
CL = CHOST + CBUS + CDEVICE
The sum of the host and bus capacitances must be under 20pF.
Table 20: Signal Line Load
Parameter
Symbol
Min.
Max.
Unit
Remark
Pull-up resistance for
CMD
RCMD
4.7
50
Kohm
to prevent bus floating
Pull-up resistance for
DAT0–7
RDAT
10
50
Kohm
to prevent bus floating
Pull-up resistance for
RST_n
RRST_n
4.7
50
Kohm
It is not necessary to put pull-up resistance
on RST_n (H/W rest) line
if host does not use H/W reset. (Extended CSD
register [162] = 0 b)
Bus signal line
capacitance
CL
30
pF
Single Device
Single Device
capacitance
CBGA
6
pF
Maximum signal line
inductance
16
nH
Impedance on CLK / CMD
/ DAT0~7
45
55
ohm
Impedance match
Serial’s resistance on CLK
line
SRCLK
0
47
ohm
Serial’s resistance on
CMD / DAT0~7 line
SRCMD
SRDAT0~7
0
47
ohm
VCCQ decoupling capacitor
CVCCQ1
4.7
10
μF
It should be located as close as possible to
the balls defined in order to minimize
connection parasitic
CVCCQ2
0.1
0.1
VCC capacitor value
CVCC1
4.7
10
μF
It should be located as close as possible to
the balls defined in order to minimize
connection parasitic
CVCC2
0.1
0.1
VDDi capacitor value
CREG
1+0.1
2.2+0.1
μF
To stabilize regulator output to controller core
logics. It should be located as close as
possible to the balls defined in order to
minimize connection parasitic
Confidential
-22
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com